Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH31-PCB170 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AH31-PCB170
Description  High Dynamic Range IF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH31-PCB170 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AH31-PCB170 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
The Communications Edge
TM
AH31
High Dynamic Range IF Amplifier
Product Information
Reference Design: 870 – 960 MHz
Typical Performance
Frequency
900 MHz
S21
16.8 dB
S11
-14 dB
S22
-11 dB
Output P1dB
+21 dBm
Output IP3
+41 dBm
Noise Figure
2.1 dB
Bias
5 V @ 150 mA
Notes:
1.
The amplifier should be connected directly to a +5 V regulator; no dropping resistor is required.
2.
If no DC signal is present at the input (pin 1), C1 can be removed. The gate is internally grounded in the amplifier.
3.
All components are of size 0603.
4.
This is a reference design only. Sample evaluation boards are not readily available for this circuit. The actual implementation can be achieved
by requesting an AH31 Evaluation board (any frequency) and replacing the passive components with the values given above.
Gainvs Frequency
25
°C
10
12
14
16
18
20
800
850
900
950
1000
Frequency (MHz)
S11, S22 vs Frequency
25
°C
-20
-15
-10
-5
0
800
850
900
950
1000
Frequency (MHz)
S11
S22
Typical Device Data
S-Parameters (VD = +5 V, ID = 150 mA, T = 25°C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-2.89
-5.15
16.14
175.42
-29.18
5.50
-11.16
-10.29
100
-2.89
-8.61
16.07
173.09
-29.05
8.21
-11.42
-11.71
200
-2.93
-16.91
15.99
167.64
-28.46
13.72
-11.47
-17.87
300
-2.96
-25.39
15.90
162.22
-27.82
17.52
-11.60
-25.22
400
-3.01
-33.42
15.78
156.27
-27.04
20.10
-11.73
-32.59
500
-3.10
-41.65
15.72
150.37
-26.35
22.46
-11.88
-40.41
600
-3.16
-49.82
15.54
144.69
-25.57
23.12
-12.01
-48.04
700
-3.23
-57.37
15.25
139.50
-24.79
22.98
-12.22
-55.71
800
-3.24
-65.10
15.14
134.31
-24.33
21.53
-12.37
-62.56
900
-3.30
-72.57
14.98
129.13
-23.74
19.94
-12.50
-69.95
1000
-3.38
-79.77
14.74
124.24
-23.15
18.03
-12.67
-77.38
AH31
RF OUT
VS = +5 V
ID = 150 mA
C5
.01
µF
C6
100 pF
L2
39 nH
L1
12 nH
C4
100 pF
RF IN
C2
2.4 pF
C1
100 pF
R2
5.1


Similar Part No. - AH31-PCB170

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH31-PCB170 WJCI-AH31-PCB170 Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31-PCB170 WJCI-AH31-PCB170 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-PCB170

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com