Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8402I Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8402I
Description  16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8402I Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8402I Datasheet HTML 1Page - Burr-Brown (TI) ADS8402I Datasheet HTML 2Page - Burr-Brown (TI) ADS8402I Datasheet HTML 3Page - Burr-Brown (TI) ADS8402I Datasheet HTML 4Page - Burr-Brown (TI) ADS8402I Datasheet HTML 5Page - Burr-Brown (TI) ADS8402I Datasheet HTML 6Page - Burr-Brown (TI) ADS8402I Datasheet HTML 7Page - Burr-Brown (TI) ADS8402I Datasheet HTML 8Page - Burr-Brown (TI) ADS8402I Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADS8402
SLAS154B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
3
SPECIFICATIONS
TA = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1.25 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Full-scale input voltage (see Note 1)
+IN – –IN
–Vref
Vref
V
Absolute input voltage
+IN
–0.2
Vref + 0.2
V
Absolute input voltage
–IN
–0.2
Vref + 0.2
V
Common-mode input range
ADS8402I
(Vref/2) – 0.2
Vref/2
(Vref/2) + 0.2
V
Input capacitance
25
pF
Input leakage current
0.5
nA
SystemPerformance
Resolution
16
Bits
No missing codes
ADS8402I
15
Bits
No missing codes
ADS8402IB
16
Bits
Integral linearity (see Notes 2 and 3)
ADS8402I
–6
±2.5
6
LSB
Integral linearity (see Notes 2 and 3)
ADS8402IB
–3.5
±2
3.5
LSB
Differentiallinearity
ADS8402I
–2
±1
3
LSB
Differentiallinearity
ADS8402IB
–1
±0.75
2
LSB
Offset error (see Note 4)
ADS8402I
–3
±1
3
mV
Offset error (see Note 4)
ADS8402IB
–1.5
±0.5
1.5
mV
Gain error (see Notes 4 and 5)
ADS8402I
–0.15
0.15
%FS
Gain error (see Notes 4 and 5)
ADS8402IB
–0.098
0.098
%FS
Common mode rejection ratio
At dc (
±0.2 V around Vref/2)
80
dB
Common-mode rejection ratio
+IN – –IN = 1 Vpp at 1 MHz
80
dB
Noise
60
µV RMS
DC Power supply rejection ratio
At 7FFFh output code,
+VA = 4.75 V to 5.25 V,
Vref = 4.096 V, See Note 4
1
LSB
SamplingDynamics
Conversion time
610
ns
Acquisition time
150
ns
Throughput rate
1.25
MHz
Aperture delay
2
ns
Aperture jitter
25
ps
Step response
100
ns
Overvoltage recovery
100
ns
(1) Ideal input span, does not include gain or offset error.
(2) LSB means least significant bit
(3) This is endpoint INL, not best fit
(4) Measured relative to an ideal full-scale input (+IN – –IN) of 8.192 V
(5) This specification does not include the internal reference voltage error and drift.


Similar Part No. - ADS8402I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8402IBPFBT TI1-ADS8402IBPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IBPFBTG4 TI1-ADS8402IBPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBT TI1-ADS8402IPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBTG4 TI1-ADS8402IPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8402I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com