Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8402I Datasheet(PDF) 23 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8402I
Description  16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8402I Datasheet(HTML) 23 Page - Burr-Brown (TI)

Back Button ADS8402I Datasheet HTML 17Page - Burr-Brown (TI) ADS8402I Datasheet HTML 18Page - Burr-Brown (TI) ADS8402I Datasheet HTML 19Page - Burr-Brown (TI) ADS8402I Datasheet HTML 20Page - Burr-Brown (TI) ADS8402I Datasheet HTML 21Page - Burr-Brown (TI) ADS8402I Datasheet HTML 22Page - Burr-Brown (TI) ADS8402I Datasheet HTML 23Page - Burr-Brown (TI) ADS8402I Datasheet HTML 24Page - Burr-Brown (TI) ADS8402I Datasheet HTML 25Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADS8402
SLAS154B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
23
Table 1. Ideal Input Voltages and Output Codes
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT TWOS COMPLEMENT
FULL SCALE RANGE
2Vref
DIGITAL OUTPUT TWOS COMPLEMENT
Least significant bit (LSB)
2Vref/65536
BINARY CODE
HEX CODE
Full scale
Vref
0111 1111 1111 1111
7FFF
Midscale
0
0000 0000 0000 0000
0000
Zero
–Vref
1000 0000 0000 0000
8000
The output data is a full 16-bit word (D15–D0) on DB15–DB0 pins (MSB–LSB) if BYTE is low.
The result may also be read on an 8-bit bus for convenience. This is done by using only pins DB15–DB8. In this case
two reads are necessary: the first as before, leaving BYTE low and reading the 8 most significant bits on pins
DB15–DB8, then bringing BYTE high. When BYTE is high, the low bits (D7–D0) appears on pins DB15–D8.
These multiword read operations can be done with multiple active RD (toggling) or with RD tied low for simplicity.
BYTE
DATA READ OUT
BYTE
DB15–DB8
DB7–DB0
High
D7–D0
All one’s
Low
D15–D8
D7–D0
RESET
RESET is an asynchronous active low input signal (that works independantly of CS). Minimum RESET low time is
20 ns. Current conversion will be aborted no later than 50 ns after the converter is in the reset mode. In addition, all
output latches are cleared (set to zero’s) after RESET. The converter goes back to normal operation mode no later
than 20 ns after RESET input is brought high.
The converter starts the first sampling period 20 ns after the rising edge of RESET. Any sampling period except for
the one immediately after a RESET is started with the falling edge of the previous BUSY signal or the falling edge
of CS, whichever is later.
POWER-ON INITIALIZATION
One RESET pulse followed by three conversion cycles must be given to the converter after powerup to ensure proper
operation. The next pulse can be issued once both +VA and +VBD reach 95% of the minimum required value.
LAYOUT
For optimum performance, care should be taken with the physical layout of the ADS8402 circuitry.
As the ADS8402 offers single-supply operation, it is often used in close proximity with digital logic, microcontrollers,
microprocessors, and digital signal processors. The more digital logic present in the design and the higher the
switching speed, the more difficult it is to achieve good performance from the converter.
The basic SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground
connections and digital inputs that occur just prior to latching the output of the analog comparator. Thus, driving any
single conversion for an n-bit SAR converter, there are at least n windows in which large external transient voltages
can affect the conversion result. Such glitches might originate from switching power supplies, nearby digital logic,
or high power devices.
The degree of error in the digital output depends on the reference voltage, layout, and the exact timing of the external
event.
On average, the ADS8402 draws very little current from an external reference, as the reference voltage is internally
buffered. If the reference voltage is external and originates from an op amp, make sure that it can drive the bypass
capacitor or capacitors without oscillation. A 0.1-
µF bypass capacitor and 1-µF storage capacitor are recommended
from pin 1 (REFIN) directly to pin 48 (REFM). REFM and AGND should be shorted on the same ground plane under
the device.


Similar Part No. - ADS8402I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8402IBPFBT TI1-ADS8402IBPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IBPFBTG4 TI1-ADS8402IBPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBT TI1-ADS8402IPFBT Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IPFBTG4 TI1-ADS8402IPFBTG4 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8402I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com