Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS33B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS33B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS33B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS33B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS33B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS33B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS32B--SS310B
Document Number: SMB402AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
SOLDERING FOOTPRINT
Unit :mm
PACKAGE
INFORMATION
Device
Package
Shipping
SS32B--SS310B DO-214AA(SMB)
3000/Tape&Reel
DO-214AA(SMB)
Dim
Min
Max
A
4.30
4.70
B
3.30
3.70
C
2.00
2.30
D
5.05
5.55
E
0.10
0.30
F
0.95
1.55
G
0.20MAX
H
2.10
2.50
I
1.85
2.15
All Dimensions in mm
A
D
F


Similar Part No. - SS33B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS33B BILIN-SS33B Datasheet
140Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SS33B CHENDA-SS33B Datasheet
785Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
SS33B TAITRON-SS33B Datasheet
182Kb / 3P
   3.0A Surface Mount Schottky Rectifier
logo
HY ELECTRONIC CORP.
SS33B HY-SS33B Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Shenzhen Ping Sheng Ele...
SS33B PFS-SS33B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
More results

Similar Description - SS33B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com