Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53K17R-005N3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53K17R-005N3
Description  TERMINATION JACK 5 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53K17R-005N3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53K17R-005N3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53K17R-005N3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
N 50
TERMINATION
JACK 5 WATT
53K17R-005N3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
≥ 26.4 dB, DC to 2 GHz
≥ 21.2 dB, 2 GHz to 5 GHz
≥ 14 dB, 5 GHz to 10 GHz
Center contact resistance
≤ 1 mΩ
Outer contact resistance
≤ 0.25 mΩ
Power handling
5 W at 25°C
derated linearity to 0 Watts at 125°C
Mechanical data
Mating cycles
min. 500
Center contact captivation:
≥ 28 N
Coupling test torque
max. 1.7 Nm
Recommended torque
0.7 Nm to 1.1 Nm
Environmental data
Temperature range
-65°C to +125°C
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in bag
Weight
45 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
21/07/05
Frank Weiß
05/08/05
a00
04-0130
Siegmar Hoyer
26/07/05
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53K17R-005N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K101-115N5 ROSENBERGER-53K101-115N5 Datasheet
46Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53K102-K00N5 ROSENBERGER-53K102-K00N5 Datasheet
111Kb / 2P
   Adaptor
53K107-106N5 ROSENBERGER-53K107-106N5 Datasheet
45Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53K107-108N5 ROSENBERGER-53K107-108N5 Datasheet
46Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53K115-C02N1 ROSENBERGER-53K115-C02N1 Datasheet
199Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
More results

Similar Description - 53K17R-005N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K15R-005N3 ROSENBERGER-53K15R-005N3 Datasheet
152Kb / 2P
   TERMINATION JACK 5 WATT
28K1ER-001N3 ROSENBERGER-28K1ER-001N3 Datasheet
114Kb / 2P
   TERMINATION JACK 1 WATT
53K1RR-001N3 ROSENBERGER-53K1RR-001N3 Datasheet
140Kb / 2P
   TERMINATION JACK 1 WATT
32K17R-001E3 ROSENBERGER-32K17R-001E3 Datasheet
527Kb / 2P
   TERMINATION Jack 1 Watt
53K15R-010N3 ROSENBERGER-53K15R-010N3 Datasheet
248Kb / 2P
   TERMINATION JACK 10 WATT
153QS15R-005N4 ROSENBERGER-153QS15R-005N4 Datasheet
227Kb / 2P
   TERMINATION PLUG 5 WATT
60K15R-002N1 ROSENBERGER-60K15R-002N1 Datasheet
132Kb / 2P
   Termination jack
05K150-010S3 ROSENBERGER-05K150-010S3 Datasheet
83Kb / 2P
   Termination JACK
59K15R-001E3 ROSENBERGER-59K15R-001E3 Datasheet
131Kb / 2P
   SMB TERMINATION JACK
153QS15R-001N4 ROSENBERGER-153QS15R-001N4 Datasheet
143Kb / 2P
   TERMINATION PLUG 1 WATT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com