Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5817FA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S5817FA
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S5817FA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S5817FA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S5817FA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S5817FA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
S5817FA--S5819FA
Document Number: AFL403AA
www.gmicroelec.com
1
FEATURES
Low leakage
Low forward voltage drop
High current capability
For surface mounted applications
Easily cleaned with Alcohol, Isopropnol and similar solvents
The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case: SMAFL molded plastic body
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S5817FA
S5818FA
S5819FA
UNITS
Marking code
17F
18F
19F
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRWS
14
21
28
V
Maximum DC blocking voltage
VDC
20
30
40
V
Average forward rectified current
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
25
A
Thermal Characteristics
Characteristic
Symbol
S5817FA
S5818FA
S5819FA
UNITS
Operating temperature range
TJ
- 55 -- +125
Storage temperature range
TSTG
- 55 -- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S5817FA
S5818FA
S5819FA
UNITS
Maximum instantaneous forward voltage
@IF=1.0A (Note1)
VF
0.45
0.55
0.60
V
Maximum DC reverse current @ TA=25℃
at rated DC blocking voltage @TA=100℃
IR
1.0
10
m A
NOTE: 1. Pulse test: Pulse width 300us, duty cycle 1 %
Pb
Lead-free


Similar Part No. - S5817FA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
S5817 MIC-S5817 Datasheet
96Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
S5817 DSK-S5817 Datasheet
78Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
S5817J DSK-S5817J Datasheet
84Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S5817FA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com