Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MCS9VJE28 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJE28
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJE28 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CR16MCS9VJE28 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 9Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 10Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 11Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 12Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 13Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 14Page - National Semiconductor (TI) CR16MCS9VJE28 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
11
www.national.com
TDX1
CMOS High
*
USART 1 transmit data output (shared with PG6).
TDX2
CMOS High
*
USART 2 transmit data output (shared with PG1).
CANTx
CMOS High
CAN output.
Table 4
Input/Output Pins
Signal
Type
Active
Pin (* for a
shared pin)
Function
PF[0:7]
CMOS High
*
Generic I/O port. Shared with T1A, T1B, TIO1, TIO2, T2A, T2B, TIO3, TIO4.
PG[0:7]
CMOS High
*
Generic I/O port. Shared with RDX2, TDX2, CKX2, TIO5, TIO6, RDX1, TDX1,
CKX1.
PB[0:7]
CMOS High
*
Generic I/O port.
PC[0:7]
CMOS High
*
Generic I/O port.
PL[0:7]
CMOS High
*
Generic I/O port. Shared with 6 comparator pins, MIWU16 on PL0:3.
PH[0:7]
CMOS High
*
Generic I/O port. Shared with ADC input channels 8-11, MWCS, MDIDO,
MDODI, MSK; MIWU16 on PH4:7.
PI[0:7]
CMOS High
*
Generic I/O port. Shared with ADC input channels 0-7.
T1A
CMOS Prog
*
Timer 1 input A. Shared with I/O port pin PF0.
T2A
CMOS Prog
*
Timer 2 input A. Shared with I/O port pin PF4.
TIO[0:7]
CMOS Prog
*
Versatile timer unit I/Os. Shared with PF2:3, PF6:7, PG3:4, PL6:7.
MDIDO
CMOS High
*
Master In/Slave Out port: SPI/Microwire. Shared with I/O pin PH5,
MDODI
CMOS High
*
Master Out/Slave In port: SPI/Microwire. Shared with I/O pin PH6.
MSK
CMOS Prog
*
SPI/Microwire clock. Shared with I/O pin PH7.
CKX1
CMOS High
*
USART 1 clock. Shared with I/O pin PG7.
CKX2
CMOS High
*
USART 2 clock. Shared with I/O pin PG2
SCL
CMOS High
ACCESS.bus clock I/O.
SDA
CMOS High
ACCESS.bus data I/O.
Table 5
Power Supply
Signal
Function
Vcc
Main digital power supply (4 total).
Vref
Voltage reference supply for analog to digital converter.
AVcc
Analog power supply for analog/digital converter.
AGND Analog reference ground supply.
GND
Main digital reference ground (8 total).
Table 3
Output Pins
Signal
Type
Active
Pin (* for
a shared pin)
Function


Similar Part No. - CR16MCS9VJE28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJE28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com