Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB153 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # DB153
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DB153 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DB153 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DB153 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DB153 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SILICON BRIDGE RECTIFIERS
DB151--DB157
Document Number: DFM704AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
DB151--DB157
DFM
50unit/pipe
DFM
Dim
Min
Max
A
8.20
8.60
B
6.10
6.50
C
2.35
2.65
E
0.15
0.35
F
5.40
6.00
I
0.35
0.65
J
8.40
9.00
K
4.80
5.20
L
7.65
8.15
All Dimensions in mm
+
-
~
~


Similar Part No. - DB153

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB153 HY-DB153 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
DB153 RECTRON-DB153 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
DB153 DACHANG-DB153 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
SUNMATE electronic Co.,...
DB153 SUNMATE-DB153 Datasheet
293Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB153 YFWDIODE-DB153 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB153

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com