Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH4.5-12-T1 Datasheet(PDF) 2 Page - B. B. Battery Co., Ltd.

Part # SH4.5-12-T1
Description  VRLA Rechargeable Battery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

SH4.5-12-T1 Datasheet(HTML) 2 Page - B. B. Battery Co., Ltd.

  SH4.5-12-T1 Datasheet HTML 1Page - B. B. Battery Co., Ltd. SH4.5-12-T1 Datasheet HTML 2Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Battery Charging Characteristics
SH4.5-12 (SH4.5-12FR) discharge characteristics (25C /77F )
o
o
(Typical example of the charge characteristics for the standby use)
Charge time (hr)
10
5
0
15
20
10.0
11.0
12.0
13.0
14.0
15.0
25
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
140
120
100
80
60
40
20
0
0
Charge voltage
Charge volume
Charge current
1 Discharge
100%
50%
2 Constant voltage charging
Charge voltage:2.275V/cell
Charge current:0.1CA
3 Temperature:25°C(77°F)
Charging Procedure
Application
For standby
power Source
For
cycle service
Charging
method
Max. charging
current
(CA)
100%
50%
discharge discharge
Constant
voltage &
Constant
current
charging
(with current
restriction)
2.25~2.30
2.40~2.50
Temp
O
(C)
0~40
O
(32~104 F)
Charging time
0.1CA, 25 C
(h)
Temperature
compensation
coefficient of
charging voltage
(mV/C /cell)
Charging
Voltage
at 25 C
(V/cell)
O
O
O
20
10
24
16
0.3
0.3
-3
-4
All data shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
Effect Of Temperature On Long Term Float Life
Battery temperature
20
30
40
50°C
68
86
104
122°F
Charging voltage :
2.275V/cell
10
8
6
5
3
4
2
1
0.5
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
Unit: W
(V/cell)
F.V.
Discharge
Time
Unit: W
USA:
B&B BATTERY(USA) INC.
6415 RANDOLPH ST.COMMERCE,CA,90040 U.S.A.
TEL:1-323-278-1900.1-800-278-8599
FAX:1-323-278-1268
E-Mail:sales@bb-battery.com
CHINA FACTORY:
B.B. BATTERY CO., LTD.
CHENG DONG TRIAL AREA,HUANG GANG,
RAOPING, GUANG DONG,CHINA,515700
TEL:86-768-7601001-2
FAX:86-768-7601469
E-Mail:maggy@bb-battery.com
HONG KONG:
NATIONAL TRADING LTD.
TEL:852-2301-3800
FAX:852-2739-1182
E-Mail:bbhk@hkstar.com
JAPAN:
B&B BATTERY(JAPAN) CO., LTD.
1375-11 NARAHARA-MACHI,HACHIOJI,
TOKYO 193-0803,JAPAN.
TEL:81-426-25-6375
FAX:81-426-25-6375
E-Mail:miyata@bb-battery.com
TAIWAN:
B.B. BATTERY(TAIWAN) CO., LTD.
TEL:886-6-502-5150
FAX:886-6-589-8087
E-Mail:maggy@bb-battery.com
B.B. Battery Co., Ltd.
Powered by
Web Site: http://www.bb-battery.com
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
30 Min
3 Hr
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
1.80V
1.70V
1.60V
1.50V
1.40V
1.30V
9.0
5
3
2
1
Min
7.0
8.0
12.0
13.0
10.0
11.0
Discharge time
5CA
3CA 2CA
1CA
5
3
2
60
30
20
10
Hr
30
20
10
0.17CA
0.25CA
0.6CA
1 Hr
5 Hr
10 Hr
20 Hr
5 Min
10 Min
15 Min
30 Min
3 Hr
1 Hr
5 Hr
10 Hr
20 Hr
182.6
194.2
208.4
217.2
223.9
224.1
122.7
130.6
134.9
138.5
140.3
141.2
92.0
98.3
101.7
104.8
107.5
108.0
54.4
56.8
57.2
58.4
59.2
59.5
29.75
30.49
31.45
32.13
32.37
32.52
13.26
13.45
13.50
13.62
13.67
13.68
8.96
9.18
9.23
9.26
9.29
9.30
4.99
5.14
5.15
5.16
5.17
5.17
2.66
2.70
2.71
2.72
2.73
2.73
16.45
17.81
19.12
19.93
20.54
20.56
10.80
11.50
11.88
12.19
12.42
12.43
8.00
8.55
8.84
9.11
9.35
9.39
4.61
4.81
4.85
4.95
5.02
5.04
2.50
2.56
2.64
2.70
2.72
2.73
1.105
1.121
1.125
1.135
1.139
1.140
0.747
0.765
0.769
0.772
0.774
0.775
0.416
0.428
0.429
0.430
0.431
0.431
0.222
0.225
0.226
0.227
0.228
0.228
EUROPE:
B&B BATTERY(EUROPE) B.V.
HAAKSBERGWEG 33, 1101 BP
AMSTERDAM, THE NETHERLANDS
TEL: +852-91282711
MOBILE: +852-91282711
E-Mail: dliu@bb-battery.com
REV. Jan. 2010
A/1


Similar Part No. - SH4.5-12-T1

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
SH4.5-12 BB-BATTERY-SH4.5-12 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - SH4.5-12-T1

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com