Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD97N06-6m3L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD97N06-6m3L
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD97N06-6m3L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD97N06-6m3L Datasheet HTML 1Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 2Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 3Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 4Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 5Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 6Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 7Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 8Page - Vishay Siliconix SQD97N06-6m3L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQD19P06-60L
www.vishay.com
Vishay Siliconix
S11-2065-Rev. C, 24-Oct-11
3
Document Number: 65158
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0
3
6
9
12
15
VDS -)
V
(
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
VGS = 10 V thru 5 V
= 4 V
VGS =2 V,1 V
VGS
= 3 V
VGS
VGS - Gate-to-Source Voltage (V)
0
5
10
15
20
25
0
5
10
15
20
25
TC = 125 °C
TC = 25 °C
TC = - 55 °C
0
102030
405060
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
0
500
1000
1500
2000
VGS - Gate-to-Source Voltage (V)
0
6
12
18
24
30
02
4
6
8
10
TC =- 55 °C
TC = 125 °C
TC = 25 °C
ID - Drain Current (A)
0
0.05
0.10
0.15
0.20
0.25
0
6
12
18
24
30
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
Qg - Total Gate Charge (nC)
0
5
10
15
20
25
30
ID =19A
VDS =30 V


Similar Part No. - SQD97N06-6m3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD97N06-6m3L VISHAY-SQD97N06-6m3L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD97N06-6m3L VISHAY-SQD97N06-6m3L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD97N06-6m3L VISHAY-SQD97N06-6m3L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD97N06-6m3L VISHAY-SQD97N06-6m3L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD97N06-6m3L VISHAY-SQD97N06-6m3L Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD97N06-6m3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com