Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD15N06-42L Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQD15N06-42L
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD15N06-42L Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQD15N06-42L Datasheet HTML 2Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 3Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 4Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 5Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 6Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 7Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 8Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 9Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 02-Sep-13
1
Document Number: 64424
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-252AA Case Outline
Note
• Dimension L3 is for reference only.
b
b2
e1
E1
C
A1
e
b3
E
C2
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.38
0.086
0.094
A1
-
0.127
-
0.005
b
0.64
0.88
0.025
0.035
b2
0.76
1.14
0.030
0.045
b3
4.95
5.46
0.195
0.215
C
0.46
0.61
0.018
0.024
C2
0.46
0.89
0.018
0.035
D
5.97
6.22
0.235
0.245
D1
4.10
-
0.161
-
E
6.35
6.73
0.250
0.265
E1
4.32
-
0.170
-
H
9.40
10.41
0.370
0.410
e
2.28 BSC
0.090 BSC
e1
4.56 BSC
0.180 BSC
L
1.40
1.78
0.055
0.070
L3
0.89
1.27
0.035
0.050
L4
-
1.02
-
0.040
L5
1.01
1.52
0.040
0.060
ECN: T13-0592-Rev. A, 02-Sep-13
DWG: 6019


Similar Part No. - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 24-Sep-12
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
More results

Similar Description - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com