Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD25N06-22L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQD25N06-22L
Description  Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD25N06-22L Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQD25N06-22L Datasheet HTML 2Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 3Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 4Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 5Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 6Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 7Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 8Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 9Page - Vishay Siliconix SQD25N06-22L Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SQD25N15-52
www.vishay.com
Vishay Siliconix
S15-2583-Rev. G, 02-Nov-15
6
Document Number: 68604
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to- Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?68604.
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10 -4
10 -3
10 -2
10 -1
10
100
0.2
0.1
Duty Cycle = 0.5
1
0.02
0.05
Single Pulse


Similar Part No. - SQD25N06-22L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD25N06-22L VISHAY-SQD25N06-22L Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD25N06-22L VISHAY-SQD25N06-22L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD25N06-22L VISHAY-SQD25N06-22L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD25N06-22L VISHAY-SQD25N06-22L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD25N06-22L VISHAY-SQD25N06-22L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD25N06-22L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-1
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SQM40N15 VISHAY-SQM40N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. C, 17-Oct-11
SQM85N15 VISHAY-SQM85N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-11
SQM25N15-52 VISHAY-SQM25N15-52_V01 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52-GE3 VISHAY-SQD25N15-52-GE3 Datasheet
158Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQJ872EP VISHAY-SQJ872EP_V02 Datasheet
296Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52 VISHAY-SQD25N15-52_V02 Datasheet
216Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15 VISHAY-SQD25N15_15 Datasheet
160Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQP25N15-52 VISHAY-SQP25N15-52_15 Datasheet
152Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com