Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD23N06-31L Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQD23N06-31L
Description  Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD23N06-31L Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 4Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 5Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 6Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 7Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 8Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 9Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 10Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 02-Sep-13
1
Document Number: 64424
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-252AA Case Outline
Note
• Dimension L3 is for reference only.
b
b2
e1
E1
C
A1
e
b3
E
C2
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.38
0.086
0.094
A1
-
0.127
-
0.005
b
0.64
0.88
0.025
0.035
b2
0.76
1.14
0.030
0.045
b3
4.95
5.46
0.195
0.215
C
0.46
0.61
0.018
0.024
C2
0.46
0.89
0.018
0.035
D
5.97
6.22
0.235
0.245
D1
4.10
-
0.161
-
E
6.35
6.73
0.250
0.265
E1
4.32
-
0.170
-
H
9.40
10.41
0.370
0.410
e
2.28 BSC
0.090 BSC
e1
4.56 BSC
0.180 BSC
L
1.40
1.78
0.055
0.070
L3
0.89
1.27
0.035
0.050
L4
-
1.02
-
0.040
L5
1.01
1.52
0.040
0.060
ECN: T13-0592-Rev. A, 02-Sep-13
DWG: 6019


Similar Part No. - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-1
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SQM40N15 VISHAY-SQM40N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. C, 17-Oct-11
SQM85N15 VISHAY-SQM85N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-11
SQM25N15-52 VISHAY-SQM25N15-52_V01 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52-GE3 VISHAY-SQD25N15-52-GE3 Datasheet
158Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQJ872EP VISHAY-SQJ872EP_V02 Datasheet
296Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52 VISHAY-SQD25N15-52_V02 Datasheet
216Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15 VISHAY-SQD25N15_15 Datasheet
160Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQP25N15-52 VISHAY-SQP25N15-52_15 Datasheet
152Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com