Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD100N03-3m4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQD100N03-3m4
Description  Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD100N03-3m4 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQD100N03-3m4 Datasheet HTML 2Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 3Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 4Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 5Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 6Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 7Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 8Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 9Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SQD50P08-25L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. B, 30-Jul-12
6
Document Number: 72217
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72217.
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


Similar Part No. - SQD100N03-3m4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD100N03-3m4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ2337ES VISHAY-SQ2337ES Datasheet
242Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 20-May-13
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ469EP VISHAY-SQJ469EP_15 Datasheet
166Kb / 11P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com