Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4532AEY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQ4532AEY
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4532AEY Datasheet(HTML) 5 Page - Vishay Siliconix

  SQ4532AEY Datasheet HTML 1Page - Vishay Siliconix SQ4532AEY Datasheet HTML 2Page - Vishay Siliconix SQ4532AEY Datasheet HTML 3Page - Vishay Siliconix SQ4532AEY Datasheet HTML 4Page - Vishay Siliconix SQ4532AEY Datasheet HTML 5Page - Vishay Siliconix SQ4532AEY Datasheet HTML 6Page - Vishay Siliconix SQ4532AEY Datasheet HTML 7Page - Vishay Siliconix SQ4532AEY Datasheet HTML 8Page - Vishay Siliconix SQ4532AEY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SQ4431EY
www.vishay.com
Vishay Siliconix
S13-1183-Rev. C, 20-May-13
5
Document Number: 65527
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
TC = 25 °C
Single Pulse
10 ms
1 s
10 s, DC
1 ms
RDS(on)*
Limited by
100 ms
0.01
0.1
1
10
100
0.01
0.1
1
10
100
BVDSS Limited
IDM Limited
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 92 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQ4532AEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4532AEY VISHAY-SQ4532AEY Datasheet
333Kb / 16P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ4532AEY VISHAY-SQ4532AEY Datasheet
255Kb / 14P
   Automotive N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4532AEY VISHAY-SQ4532AEY Datasheet
254Kb / 14P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4532AEY VISHAY-SQ4532AEY_15 Datasheet
333Kb / 16P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ4532AEY VISHAY-SQ4532AEY_V01 Datasheet
255Kb / 14P
   Automotive N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ4532AEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com