Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD100N03-3m4 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQD100N03-3m4
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD100N03-3m4 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQD100N03-3m4 Datasheet HTML 2Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 3Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 4Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 5Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 6Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 7Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 8Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 9Page - Vishay Siliconix SQD100N03-3m4 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SQD45P03-12
www.vishay.com
Vishay Siliconix
S12-2095-Rev. C, 03-Sep-12
6
Document Number: 65549
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65549.
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10 -4
10 -3
10 -2
10 -1
10
100
0.2
0.1
Duty Cycle = 0.5
1
Single Pulse
0.05
0.02


Similar Part No. - SQD100N03-3m4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD100N03-3m4 VISHAY-SQD100N03-3m4 Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD100N03-3m4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com