Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3985EV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ3985EV
Description  Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3985EV Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ3985EV Datasheet HTML 1Page - Vishay Siliconix SQ3985EV Datasheet HTML 2Page - Vishay Siliconix SQ3985EV Datasheet HTML 3Page - Vishay Siliconix SQ3985EV Datasheet HTML 4Page - Vishay Siliconix SQ3985EV Datasheet HTML 5Page - Vishay Siliconix SQ3985EV Datasheet HTML 6Page - Vishay Siliconix SQ3985EV Datasheet HTML 7Page - Vishay Siliconix SQ3985EV Datasheet HTML 8Page - Vishay Siliconix SQ3985EV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SQ3425EV
www.vishay.com
Vishay Siliconix
S15-2410-Rev. A, 12-Oct-15
2
Document Number: 68215
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = -250 μA
-20
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-0.6
-1
-1.4
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -20 V
-
-
-1
μA
VGS = 0 V
VDS = -20 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -20 V, TJ = 175 °C
-
-
-150
On-State Drain Current a
ID(on)
VGS = -4.5 V
VDS
≤ -5 V
-15
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -4.5 V
ID = -4.7 A
-
0.049
0.060
Ω
VGS = -4.5 V
ID = -4.7 A, TJ = 125 °C
-
0.065
-
VGS = -4.5 V
ID = -4.7 A, TJ = 175 °C
-
0.074
-
VGS = -2.5 V
ID = -1 A
-
0.089
0.100
Forward Transconductancea
gfs
VDS = -10 V, ID = -4.7 A
-
9
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -10 V, f = 1 MHz
-
560
840
pF
Output Capacitance
Coss
-
178
267
Reverse Transfer Capacitance
Crss
-
126
190
Total Gate Charge c
Qg
VGS = -4.5 V
VDS = -10 V, ID = -4.7 A
-
6.9
10.3
nC
Gate-Source Charge c
Qgs
-1.2
-
Gate-Drain Charge c
Qgd
-2.6
-
Gate Resistance
Rg
f = 1 MHz
3
6.1
9.1
Ω
Turn-On Delay Time c
td(on)
VDD = -10 V, RL = 10
Ω
ID
≅ -1 A, VGEN = -4.5 V, Rg = 6 Ω
-11
15
ns
Rise Time c
tr
-26
35
Turn-Off Delay Time c
td(off)
-41
55
Fall Time c
tf
-28
38
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-21
A
Forward Voltage
VSD
IF = -1.7 A, VGS = 0 V
-
-0.8
-1.2
V


Similar Part No. - SQ3985EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3985EV VISHAY-SQ3985EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQ3985EV VISHAY-SQ3985EV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3985EV VISHAY-SQ3985EV Datasheet
257Kb / 10P
   Automotive Dual P-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3985EV VISHAY-SQ3985EV Datasheet
290Kb / 8P
   Automotive Dual P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3985EV VISHAY-SQ3985EV_15 Datasheet
235Kb / 11P
   Automotive Dual P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 11-Aug-15
More results

Similar Description - SQ3985EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES Datasheet
222Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3469EV VISHAY-SQ3469EV_V02 Datasheet
293Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA407CEJW VISHAY-SQA407CEJW Datasheet
205Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES_V02 Datasheet
205Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3493EV VISHAY-SQ3493EV_V02 Datasheet
345Kb / 8P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2301ES VISHAY-SQ2301ES_V02 Datasheet
221Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA413CEJW VISHAY-SQA413CEJW_V01 Datasheet
166Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com