Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3427EV Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQ3427EV
Description  Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3427EV Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQ3427EV Datasheet HTML 3Page - Vishay Siliconix SQ3427EV Datasheet HTML 4Page - Vishay Siliconix SQ3427EV Datasheet HTML 5Page - Vishay Siliconix SQ3427EV Datasheet HTML 6Page - Vishay Siliconix SQ3427EV Datasheet HTML 7Page - Vishay Siliconix SQ3427EV Datasheet HTML 8Page - Vishay Siliconix SQ3427EV Datasheet HTML 9Page - Vishay Siliconix SQ3427EV Datasheet HTML 10Page - Vishay Siliconix SQ3427EV Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Revision: 03-Nov-15
1
Document Number: 65849
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TSOP-6
Ordering codes for the SQ rugged series power MOSFETs in the TSOP-6 package:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQ3410EV
SQ3410EV-T1-GE3
SQ3410EV-T1_GE3
SQ3418AEEV
-
SQ3418AEEV-T1_GE3
SQ3418EV
-
SQ3418EV-T1_GE3
SQ3419AEEV
-
SQ3419AEEV-T1_GE3
SQ3419EV
-
SQ3419EV-T1_GE3
SQ3425EV
-
SQ3425EV-T1_GE3
SQ3426AEEV
-
SQ3426AEEV-T1_GE3
SQ3426EV
-
SQ3426EV-T1_GE3
SQ3427AEEV
-
SQ3427AEEV-T1_GE3
SQ3427EV
-
SQ3427EV-T1_GE3
SQ3456BEV
SQ3456BEV-T1-GE3
SQ3456BEV-T1_GE3
SQ3457EV
SQ3457EV-T1-GE3
SQ3457EV-T1_GE3
SQ3460EV
SQ3460EV-T1-GE3
SQ3460EV-T1_GE3
SQ3461EV
-
SQ3461EV-T1_GE3
SQ3469EV
SQ3469EV-T1-GE3
SQ3469EV-T1_GE3
SQ3481EV
SQ3481EV-T1-GE3
SQ3481EV-T1_GE3
SQ3985EV
-
SQ3985EV-T1_GE3


Similar Part No. - SQ3427EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3427EV VISHAY-SQ3427EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3427EV VISHAY-SQ3427EV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EV VISHAY-SQ3427EV Datasheet
259Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3427EV VISHAY-SQ3427EV Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427EV VISHAY-SQ3427EV_15 Datasheet
238Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
More results

Similar Description - SQ3427EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com