Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7322BRU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AD7322BRU
Description  Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AD7322BRU Datasheet(HTML) 4 Page - ATMEL Corporation

  AD7322BRU Datasheet HTML 1Page - ATMEL Corporation AD7322BRU Datasheet HTML 2Page - ATMEL Corporation AD7322BRU Datasheet HTML 3Page - ATMEL Corporation AD7322BRU Datasheet HTML 4Page - ATMEL Corporation AD7322BRU Datasheet HTML 5Page - ATMEL Corporation AD7322BRU Datasheet HTML 6Page - ATMEL Corporation AD7322BRU Datasheet HTML 7Page - ATMEL Corporation AD7322BRU Datasheet HTML 8Page - ATMEL Corporation AD7322BRU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD7322
Preliminary Technical Data
Parameter
Specification
Units
Test Conditions/Comments
Reference Output Impedance
25
Ω typ
LOGIC INPUTS
Input High Voltage, VINH
0.7*VDRIVE
V min
Input High Voltage, VINL
0.3*VDRIVE
V max
Input Current, IIN
± 1
µA max
VIN = 0V or VCC
Input Capacitance, CIN3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE- 0.2V
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 200 µA
Floating State Leakage Current
±1
µA max
Floating State Output Capacitance3
10
pF max
Output Coding
Straight
Natural
Binary
Coding bit set to 1 in Control Register
Two’s
Complement
Coding bit set to 0 in Control Register
CONVERSION RATE
Conversion Time
800
ns max
16 SCLK Cycles with SCLK = 20 MHz
Track-and-Hold Acquisition Time
150
ns max
Sine Wave Input
150
ns max
Full Scale Step input
Throughput Rate
1
MSPS max
See Serial Interface section
POWER REQUIREMENTS
Digital Inputs = 0V or VCC
VDD
4.75V/+16.5V
V min/max
See
VSS
-4.75V/16.5V
V min/max
See
VCC
2.7V / 5.25V
V min/max
See
Normal Mode
IDD
200
µA max
ISS
200
µA max
ICC
2
mA max
Auto-Standby Mode
FSAMPLE = TBD
IDD
TBD
µA max
ISS
TBD
µA max
ICC
1.6
mA typ
Auto-Standby Mode
FSAMPLE = TBD
IDD
TBD
µA max
ISS
TBD
µA max
ICC
1
mA typ
Full Shutdown Mode
IDD
TBD
µA max
ISS
TBD
µA max
ICC
1
µA max
SCLK On or Off
POWER DISSIPATION
Normal Mode
12
mW max
VDD = +5V, VSS = -5V, VCC = 5V,
Table 5
Table 5
Table 5
NOTES
1 Temperature ranges as follows: -40°C to +85°C
2 See Terminology
3 Guaranteed by Characterization
Specifications subject to change without notice.
Rev. PrE | Page 4 of 18


Similar Part No. - AD7322BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ AD-AD7322BRUZ Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ-REEL7 AD-AD7322BRUZ-REEL7 Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
More results

Similar Description - AD7322BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com