Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ3989EV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ3989EV
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3989EV Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ3989EV Datasheet HTML 1Page - Vishay Siliconix SQ3989EV Datasheet HTML 2Page - Vishay Siliconix SQ3989EV Datasheet HTML 3Page - Vishay Siliconix SQ3989EV Datasheet HTML 4Page - Vishay Siliconix SQ3989EV Datasheet HTML 5Page - Vishay Siliconix SQ3989EV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SQ3989EV
www.vishay.com
Vishay Siliconix
S16-1694-Rev. B, 29-Aug-16
1
Document Number: 75059
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Ordering Information:
Si3989EV-T1-GE3 (lead (Pb)-free and halogen-free)
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Note
a. Surface mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
-30
RDS(on) () at VGS = -10 V
-0.155
RDS(on) () at VGS = -4.5 V
-0.300
ID (A)
-2.32
Configuration
Dual
Package
TSOP-6
Top View
TSOP-6 Dual
1
G
1
2
S
2
3
G
2
D
1
6
S
1
5
D
2
4
D1
G1
S1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C) a
TC = 25 °C
ID
-2.5
A
TC = 125 °C
-1.5
Pulsed Drain Current
IDM
-10.2
Continuous Source Current (Diode Conduction) a
IS
-2.1
Maximum Power Dissipation a
TC = 25 °C
PD
1.67
W
TC = 125 °C
0.56
Unclamped Inductive Surge UIS
IAV
7A
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum Junction-to-Ambient a
Steady State
RthJA
150
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
90


Similar Part No. - SQ3989EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3989EV VISHAY-SQ3989EV Datasheet
231Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3989EV VISHAY-SQ3989EV Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3989EV VISHAY-SQ3989EV_V01 Datasheet
231Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ3989EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP VISHAY-SQJ941EP Datasheet
160Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 30-Jul-12
SQJ951EP VISHAY-SQJ951EP_15 Datasheet
169Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4953EY VISHAY-SQ4953EY Datasheet
115Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQ4937EY VISHAY-SQ4937EY_V02 Datasheet
216Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3987EV VISHAY-SQ3987EV_V02 Datasheet
309Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4949EY VISHAY-SQ4949EY_V02 Datasheet
217Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ951EP VISHAY-SQJ951EP Datasheet
178Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4937EY VISHAY-SQ4937EY Datasheet
256Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4937EY VISHAY-SQ4937EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4949EY VISHAY-SQ4949EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com