Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2361ES Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQ2361ES
Description  Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2361ES Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQ2361ES Datasheet HTML 2Page - Vishay Siliconix SQ2361ES Datasheet HTML 3Page - Vishay Siliconix SQ2361ES Datasheet HTML 4Page - Vishay Siliconix SQ2361ES Datasheet HTML 5Page - Vishay Siliconix SQ2361ES Datasheet HTML 6Page - Vishay Siliconix SQ2361ES Datasheet HTML 7Page - Vishay Siliconix SQ2361ES Datasheet HTML 8Page - Vishay Siliconix SQ2361ES Datasheet HTML 9Page - Vishay Siliconix SQ2361ES Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ordering Information
www.vishay.com
Vishay Siliconix
Work-In-Progress
Revision: 06-Jun-16
1
Document Number: 65844
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOT-23
Ordering codes for the SQ rugged series power MOSFETs in the SOT-23 package:
Note
a. Old ordering code is obsolete and no longer valid for new orders
DATASHEET PART NUMBER
OLD ORDERING CODE a
NEW ORDERING CODE
SQ2301ES
SQ2301ES-T1-GE3
SQ2301ES-T1_GE3
SQ2303ES
SQ2303ES-T1-GE3
SQ2303ES-T1_GE3
SQ2308CES
SQ2308CES-T1-GE3
SQ2308CES-T1_GE3
SQ2309ES
SQ2309ES-T1-GE3
SQ2309ES-T1_GE3
SQ2310ES
SQ2310ES-T1-GE3
SQ2310ES-T1_GE3
SQ2315ES
SQ2315ES-T1-GE3
SQ2315ES-T1_GE3
SQ2318AES
SQ2318AES-T1-GE3
SQ2318AES-T1_GE3
SQ2319ADS
-
SQ2319ADS-T1_GE3
SQ2325ES
SQ2325ES-T1-GE3
SQ2325ES-T1_GE3
SQ2337ES
SQ2337ES-T1-GE3
SQ2337ES-T1_GE3
SQ2348ES
SQ2348ES-T1-GE3
SQ2348ES-T1_GE3
SQ2351ES
SQ2351ES-T1-GE3
SQ2351ES-T1_GE3
SQ2361AEES
SQ2361AEES-T1-GE3
SQ2361AEES-T1_GE3
SQ2361ES
-
SQ2361ES-T1_GE3
SQ2362ES
-
SQ2362ES-T1_GE3
SQ2389ES
-
SQ2389ES-T1_GE3
SQ2398ES
-
SQ2398ES-T1_GE3


Similar Part No. - SQ2361ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2361ES VISHAY-SQ2361ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2361ES VISHAY-SQ2361ES Datasheet
207Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2361ES VISHAY-SQ2361ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2361ES VISHAY-SQ2361ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2361ES VISHAY-SQ2361ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
More results

Similar Description - SQ2361ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3469EV VISHAY-SQ3469EV_V02 Datasheet
293Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA407CEJW VISHAY-SQA407CEJW Datasheet
205Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES_V02 Datasheet
205Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3493EV VISHAY-SQ3493EV_V02 Datasheet
345Kb / 8P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2301ES VISHAY-SQ2301ES_V02 Datasheet
221Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA413CEJW VISHAY-SQA413CEJW_V01 Datasheet
166Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com