Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2303ES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ2303ES
Description  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2303ES Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ2303ES Datasheet HTML 1Page - Vishay Siliconix SQ2303ES Datasheet HTML 2Page - Vishay Siliconix SQ2303ES Datasheet HTML 3Page - Vishay Siliconix SQ2303ES Datasheet HTML 4Page - Vishay Siliconix SQ2303ES Datasheet HTML 5Page - Vishay Siliconix SQ2303ES Datasheet HTML 6Page - Vishay Siliconix SQ2303ES Datasheet HTML 7Page - Vishay Siliconix SQ2303ES Datasheet HTML 8Page - Vishay Siliconix SQ2303ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SQ2389ES
www.vishay.com
Vishay Siliconix
S15-0166-Rev. A, 02-Feb-15
2
Document Number: 63248
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = -250 μA
-40
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.5
-2.0
-2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -40 V
-
-
-1
μA
VGS = 0 V
VDS = -40 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -40 V, TJ = 175 °C
-
-
-150
On-State Drain Current a
ID(on)
VGS = -10 V
VDS
≤ -5 V
-10
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V
ID = -3 A
-
0.084
0.094
Ω
VGS = -10 V
ID = -3 A, TJ = 125 °C
-
-
0.144
VGS = -10 V
ID = -3 A, TJ = 175 °C
-
-
0.169
VGS = -4.5 V
ID = -3 A
-
0.140
0.188
Forward Transconductance b
gfs
VDS = -10 V, ID = -3 A
-
5
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -20 V, f = 1 MHz
-
360
420
pF
Output Capacitance
Coss
-80
100
Reverse Transfer Capacitance
Crss
-42
54
Total Gate Charge c
Qg
VGS = -10 V
VDS = -20 V, ID = -3 A
-8.2
12
nC
Gate-Source Charge c
Qgs
-1.1
-
Gate-Drain Charge c
Qgd
-3
-
Gate Resistance
Rg
f = 1 MHz
3.1
4.1
7
Ω
Turn-On Delay Time c
td(on)
VDD = -20 V, RL = 6.7
Ω
ID
≅ -3 A, VGEN = -10 V, Rg = 1 Ω
-7
10
ns
Rise Time c
tr
-12
16
Turn-Off Delay Time c
td(off)
-16
20
Fall Time c
tf
-4
8
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-10
A
Forward Voltage
VSD
IF = -1.5 A, VGS = 0 V
-
-0.8
-1.2
V


Similar Part No. - SQ2303ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2303ES VISHAY-SQ2303ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
logo
Shanghai Leiditech Elec...
SQ2303ES LEIDITECH-SQ2303ES Datasheet
755Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
Rev : 01.06.2018
logo
Vishay Siliconix
SQ2303ES VISHAY-SQ2303ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2303ES VISHAY-SQ2303ES Datasheet
993Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2303ES VISHAY-SQ2303ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
More results

Similar Description - SQ2303ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com