Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7322 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AD7322
Description  Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AD7322 Datasheet(HTML) 3 Page - ATMEL Corporation

  AD7322 Datasheet HTML 1Page - ATMEL Corporation AD7322 Datasheet HTML 2Page - ATMEL Corporation AD7322 Datasheet HTML 3Page - ATMEL Corporation AD7322 Datasheet HTML 4Page - ATMEL Corporation AD7322 Datasheet HTML 5Page - ATMEL Corporation AD7322 Datasheet HTML 6Page - ATMEL Corporation AD7322 Datasheet HTML 7Page - ATMEL Corporation AD7322 Datasheet HTML 8Page - ATMEL Corporation AD7322 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AD7322
Preliminary Technical Data
AD7322—SPECIFICATIONS1
Table 1. Unless otherwise noted, VDD = + 4.75V to +16.5V, VSS = -4.75V to –16.5V, VCC = 2.7V to 5.25V, VDRIVE = 2.7V to 5.25V, VREF
= 2.5V Internal/External, fSCLK = 20 MHz, fS = 1 MSPS TA = TMAX to TMIN
Parameter
Specification
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
FIN = 50 kHz Sine Wave
Signal to Noise Ratio (SNR) 2
78
dB min
Differential Mode
75
dB min
Single-Ended /Pseudo Differential Mode
Signal to Noise + Distortion (SINAD)2
77
dB min
Differential Mode
74
dB min
Single-Ended/Pseudo Differential Mode
Total Harmonic Distortion (THD)2
-TBD
dB max
Peak Harmonic or Spurious Noise
(SFDR) 2
-TBD
dB max
Intermodulation Distortion (IMD) 2
Fa = 40.1 kHz, Fb = 41.5 kHz
Second Order Terms
-88
dB typ
Third Order Terms
-88
dB typ
Aperature Delay2
10
ns max
Aperature Jitter2
50
ps typ
Common Mode Rejection (CMRR)2
TBD
dB typ
Channel-to-Channel Isolation2
-80
dB typ
FIN = 400 kHz
Full Power Bandwidth2
13
1.5
MHz typ
MHz typ
@ 3 dB
@ 0.1 dB
DC ACCURACY
Resolution
12+Sign
Bits
Integral Nonlinearity2
±1.5
LSB max
Differential Nonlinearity2
± 0.95
LSB max
Guaranteed No Missing Codes to 13-Bits
Offset Error3
±6
LSB max
Unipolar Range with Straight Binary output coding
Offset Error Match2
±0.5
LSB max
Gain Error2
±2
LSB max
Gain Error Match2
±0.6
LSB max
Positive Full-Scale Error2
±2
LSB max
Bipolar Range with Twos Complement Output Coding
Positive Full Scale Error Match2
±0.6
LSB max
Bipolar Zero Error2
±6
LSB max
Bipolar Zero Error Match2
±0.5
LSB max
Negative Full Scale Error2
±2
LSB max
Negative Full Scale Error Match2
±0.5
LSB max
ANALOG INPUT
Input Voltage Ranges
(Programmed via Range Register)
±10V
±5V
±2.5V
0 to 10V
Volts
VDD = +10V min , VSS = -10V min, VCC = 2.7V to 5.25V
VDD = +5V min, VSS = -5V min, VCC = 2.7V to 5.25V
VDD = +5V min, VSS = - 5V min, VCC = 2.7V to 5.25V
VDD = +10V min, VSS = 0 V min, VCC = 2.7V to 5.25V
DC Leakage Current
±10
nA max
Input Capacitance
8
pF typ
When in Track, ±10V Range
11
pF typ
When in Track, ±5V, 0 to 10V Range
19
pF typ
When in Track, ±2.5V Range
6
pF typ
When in Hold
REFERENCE INPUT/OUTPUT
Input Voltage Range
+2.5 to +3V
V min to
max
Input DC Leakage Current
±1
µA max
Input Capactiance
20
pF typ
Reference Output Voltage
2.49/2.51
Vmin/max
Reference Temperature Coefficient
25
ppm/°C
max
Rev. PrE | Page 3 of 18


Similar Part No. - AD7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ AD-AD7322BRUZ Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7322BRUZ-REEL AD-AD7322BRUZ-REEL Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results

Similar Description - AD7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com