Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2325ES Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ2325ES
Description  Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2325ES Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ2325ES Datasheet HTML 1Page - Vishay Siliconix SQ2325ES Datasheet HTML 2Page - Vishay Siliconix SQ2325ES Datasheet HTML 3Page - Vishay Siliconix SQ2325ES Datasheet HTML 4Page - Vishay Siliconix SQ2325ES Datasheet HTML 5Page - Vishay Siliconix SQ2325ES Datasheet HTML 6Page - Vishay Siliconix SQ2325ES Datasheet HTML 7Page - Vishay Siliconix SQ2325ES Datasheet HTML 8Page - Vishay Siliconix SQ2325ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQ2351ES
www.vishay.com
Vishay Siliconix
S12-2312-Rev. B, 01-Oct-12
3
Document Number: 66716
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
3
6
9
12
0
1
2
3
4
5
V
DS -Drain-to-Source Voltage (V)
V
GS = 5.0 V thru 3.5 V
V
GS = 1.5 V
V
GS = 2 V
V
GS = 2.5 V
V
GS = 3 V
0
2
4
6
8
10
0.0
0.4
0.8
1.2
1.6
2.0
2.4
I
D -Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
Crss
0
100
200
300
400
500
0
5
10
15
20
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
0
1234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
234
5
ID = 2.4 A
VDS =10V
Q
g - Total Gate Charge (nC)


Similar Part No. - SQ2325ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2325ES VISHAY-SQ2325ES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2325ES VISHAY-SQ2325ES Datasheet
197Kb / 9P
   Automotive P-Channel 150 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2325ES VISHAY-SQ2325ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2325ES VISHAY-SQ2325ES Datasheet
196Kb / 9P
   Automotive P-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2325ES VISHAY-SQ2325ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
More results

Similar Description - SQ2325ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQA401CEJW VISHAY-SQA401CEJW_V02 Datasheet
170Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3469EV VISHAY-SQ3469EV_15 Datasheet
210Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ2351ES VISHAY-SQ2351ES_15 Datasheet
202Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 01-Oct-12
SQ3469EV VISHAY-SQ3469EV_V02 Datasheet
293Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA407CEJW VISHAY-SQA407CEJW Datasheet
205Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2351ES VISHAY-SQ2351ES_V02 Datasheet
205Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3493EV VISHAY-SQ3493EV_V02 Datasheet
345Kb / 8P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2301ES VISHAY-SQ2301ES_V02 Datasheet
221Kb / 10P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA413CEJW VISHAY-SQA413CEJW_V01 Datasheet
166Kb / 6P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com