Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ2308CES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ2308CES
Description  Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2308CES Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ2308CES Datasheet HTML 1Page - Vishay Siliconix SQ2308CES Datasheet HTML 2Page - Vishay Siliconix SQ2308CES Datasheet HTML 3Page - Vishay Siliconix SQ2308CES Datasheet HTML 4Page - Vishay Siliconix SQ2308CES Datasheet HTML 5Page - Vishay Siliconix SQ2308CES Datasheet HTML 6Page - Vishay Siliconix SQ2308CES Datasheet HTML 7Page - Vishay Siliconix SQ2308CES Datasheet HTML 8Page - Vishay Siliconix SQ2308CES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQ2337ES
www.vishay.com
Vishay Siliconix
S13-1184-Rev. B, 20-May-13
2
Document Number: 66717
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 80
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
-
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 80 V
-
-
- 1
μA
VGS = 0 V
VDS = - 80 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 80 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS5 V
- 8
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 1.2 A
-
0.241
0.290
VGS = - 6 V
ID = - 1.1 A
-
0.261
0.314
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 1.2 A
-
3.5
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 40 V, f = 1 MHz
-
495
620
pF
Output Capacitance
Coss
-40
55
Reverse Transfer Capacitance
Crss
-30
38
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 40 V, ID = - 1.2 A
-11.5
18
nC
Gate-Source Chargec
Qgs
-1.9
-
Gate-Drain Chargec
Qgd
-3.3
-
Gate Resistance
Rg
f = 1 MHz
2.2
4.43
7
Turn-On Delay Timec
td(on)
VDD = - 40 V, RL = 41.6 
ID  - 0.96 A, VGEN = - 10 V, Rg = 1 
-5
8
ns
Rise Timec
tr
-10
15
Turn-Off Delay Timec
td(off)
-18
27
Fall Timec
tf
-8
12
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 9
A
Forward Voltage
VSD
IF = - 0.8 A, VGS = 0
-
- 0.8
- 1.2
V


Similar Part No. - SQ2308CES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2308CES VISHAY-SQ2308CES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
logo
Shanghai Leiditech Elec...
SQ2308CES LEIDITECH-SQ2308CES Datasheet
1Mb / 5P
   60V N-Channel Enhancement Mode MOSFET
Rev : 01.0 .2021 6
logo
Vishay Siliconix
SQ2308CES VISHAY-SQ2308CES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2308CES VISHAY-SQ2308CES Datasheet
219Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2308CES VISHAY-SQ2308CES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
More results

Similar Description - SQ2308CES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ469EP VISHAY-SQJ469EP_15 Datasheet
166Kb / 11P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com