Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1954YS Datasheet(PDF) 7 Page - Analog Devices

Part # AD1954YS
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1954YS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1954YS Datasheet HTML 3Page - Analog Devices AD1954YS Datasheet HTML 4Page - Analog Devices AD1954YS Datasheet HTML 5Page - Analog Devices AD1954YS Datasheet HTML 6Page - Analog Devices AD1954YS Datasheet HTML 7Page - Analog Devices AD1954YS Datasheet HTML 8Page - Analog Devices AD1954YS Datasheet HTML 9Page - Analog Devices AD1954YS Datasheet HTML 10Page - Analog Devices AD1954YS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD1954
–7–
PIN FUNCTION DESCRIPTIONS
Pin No.
Pin No.
Input/
(44-MQFP) (48-LQFP) Mnemonic
Output Description*
1
NC
No Connect
1
2
MCLK2
IN
Master Clock Input 2 256 fS
Master Clock Input 2 256 f
Master Clock Input 2 256 f /512 fS
/512 f
/512 f
2
3
MCLK1
IN
Master Clock Input 1 256 fS
Master Clock Input 1 256 f
Master Clock Input 1 256 f /512 fS
/512 f
/512 f
3
4
MCLK0
IN
Master Clock Input 0 256 fS
Master Clock Input 0 256 f
Master Clock Input 0 256 f /512 fS
/512 f
/512 f
4
5
DEEMP/
IN
Enables 44.1 kHz De-emphasis Filter (Others Available through SPI Control)
SDATA_AUX
Auxiliary Serial Data Input
5
6
MUTE
IN
Mute Signal. Initiates volume ramp-down.
6
7
DVDD
Digital Supply for DSP Core, 4.5 V to 5.5 V
7
8
SDATA2
IN
Serial Data Input 2
8
9
BCLK2
IN
Bit Clock 2
9
10
LRCLK2
IN
Left/Right Clock 2
10
11
SDATA1
IN
Serial Data Input 1
11
12
BCLK1
IN
Bit Clock 1
12
13
DGND
Digital Ground
13
14
LRCLK1
IN
Left/Right Clock 1
14
15
SDATA0
IN
Serial Data Input 0
15
16
BCLK0
IN
Bit Clock 0
16
17
LRCLK0
IN
Left/Right Clock 0
17
18
CDATA
IN
SPI Data Input
18
19
CCLK
IN
SPI Data Bit Clock
19
20
CLATCH
IN
SPI Data Framing Signal
20
21
RESETB
IN
Reset Signal, Active Low
21
22
AVDD
Analog 5 V Supply
22
23
AGND
Analog GND
24
NC
No Connect
23
25
VOUTS–
OUT
Negative Sub Analog DAC Output
24
26
VOUTS+
OUT
Positive Sub Analog DAC Output
25
27
AGND
Analog GND
26
28
VOUTR–
OUT
Negative Left Analog DAC Output
27
29
VOUTR+
OUT
Positive Left Analog DAC Output
28
30
AVDD
Analog 5 V Supply
29
31
AGND
Analog GND
30
32
AVDD
Analog 5 V Supply
31
33
VOUTL+
OUT
Positive Left Analog DAC Output
32
34
VOUTL–
OUT
Negative Left Analog DAC Output
33
35
AGND
Analog GND
36
NC
No Connect
37
NC
No Connect
34
38
VREF
IN
Connection for Filtered AVDD/2
35
39
FILTCAP
IN
Connection for Noise Reduction Capacitor
36
40
ZEROFLAG OUT
Zero Flag Output. High when both left and right channels are 0 for 1024 frames.
37
41
SDATAOUT OUT
Serial Data Mux Output
38
42
BCLKOUT OUT
Bit Clock Mux Output
39
43
LRCLKOUT OUT
Left/Right Clock Mux Output
40
44
ODVDD
Digital Supply Pin for Output Drivers, 2.5 V to 5.5 V
41
45
DCSOUT
OUT
Data Capture Serial Output for Data Capture Registers. Use in conjunction with
selected LRCLK and BCLK to form a 3-wire output.
42
46
COUT
OUT
SPI Data Output.Three-stated when inactive.
43
47
MCLKOUT OUT
Master Clock Output 512 fS
Master Clock Output 512 f
Master Clock Output 512 f /256 fS
/256 f
/256 f (Frequency Selected by SPI Register)
44
48
DGND
Digital Ground
*For a complete description of the pins, refer to the Pin Functions section.
REV. A


Similar Part No. - AD1954YS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1954YS AD-AD1954YS Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YSRL AD-AD1954YSRL Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YST AD-AD1954YST Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YSTRL AD-AD1954YSTRL Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954YSTRL7 AD-AD1954YSTRL7 Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
More results

Similar Description - AD1954YS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1953 AD-AD1953 Datasheet
750Kb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1953 AD-AD1953_15 Datasheet
760Kb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1980 AD-AD1980 Datasheet
750Kb / 32P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
AD9789BBC AD-AD9789BBC Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
logo
List of Unclassifed Man...
GE570 ETC1-GE570 Datasheet
142Kb / 7P
   Dual Channel signal processing
logo
Analog Devices
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Shenzhenshi YONGFUKANG ...
CSC37534 YONGFUKANG-CSC37534 Datasheet
505Kb / 19P
   3-band audio signal processing circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com