Electronic Components Datasheet Search |
|
SQ2309ES Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SQ2309ES Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 11 page SQ2318AES www.vishay.com Vishay Siliconix S13-2477-Rev. A, 09-Dec-13 2 Document Number: 62911 For technical questions, contact: automostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Pulse test; pulse width 300 μs, duty cycle 2 %. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TC = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 μA 40 - - V Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 μA 1.5 2.0 2.5 Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 20 V - - ± 100 nA Zero Gate Voltage Drain Current IDSS VGS = 0 V VDS = 40 V - - 1 μA VGS = 0 V VDS = 40 V, TJ = 125 °C - - 50 VGS = 0 V VDS = 40 V, TJ = 175 °C - - 150 On-State Drain Currenta ID(on) VGS = 10 V VDS5 V 10 - - A Drain-Source On-State Resistancea RDS(on) VGS = 10 V ID = 7.9 A - 0.026 0.031 VGS = 10 V ID = 7.9 A, TJ = 125 °C - - 0.045 VGS = 10 V ID = 7.9 A, TJ = 175 °C - - 0.065 VGS = 4.5 V ID = 7.3 A - 0.030 0.036 Forward Transconductanceb gfs VDS = 15 V, ID = 7.9 A - 30 - S Dynamicb Input Capacitance Ciss VGS = 0 V VDS = 20 V, f = 1 MHz - 442 553 pF Output Capacitance Coss -79 99 Reverse Transfer Capacitance Crss -37 46 Total Gate Chargec Qg VGS = 10 V VDS = 20 V, ID = 3.9 A -8.7 13 nC Gate-Source Chargec Qgs -1.4 - Gate-Drain Chargec Qgd -1.6 - Gate Resistance Rg f = 1 MHz 1.5 3.0 4.5 Turn-On Delay Timec td(on) VDD = 20 V, RL = 20 ID 1 A, VGEN = 10 V, Rg = 1 -7.5 11 ns Rise Timec tr -8.4 13 Turn-Off Delay Timec td(off) -12 18 Fall Timec tf -5.7 8.5 Source-Drain Diode Ratings and Characteristicsb Pulsed Currenta ISM -- 32 A Forward Voltage VSD IF = 5.4 A, VGS = 0 V - 0.8 1.2 V |
Similar Part No. - SQ2309ES |
|
Similar Description - SQ2309ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |