Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUD412ED Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIUD412ED
Description  N-Channel 12 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIUD412ED Datasheet(HTML) 1 Page - Vishay Siliconix

  SIUD412ED Datasheet HTML 1Page - Vishay Siliconix SIUD412ED Datasheet HTML 2Page - Vishay Siliconix SIUD412ED Datasheet HTML 3Page - Vishay Siliconix SIUD412ED Datasheet HTML 4Page - Vishay Siliconix SIUD412ED Datasheet HTML 5Page - Vishay Siliconix SIUD412ED Datasheet HTML 6Page - Vishay Siliconix SIUD412ED Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SiUD412ED
www.vishay.com
Vishay Siliconix
S16-1563-Rev. A, 08-Aug-16
1
Document Number: 70300
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 12 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
• Ultra small 0.8 mm x 0.6 mm outline
• Ultra thin 0.4 mm max. height
• Typical ESD protection 1500 V (HBM)
• 1.2 V rated RDS(ON)
• 100% Rg tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•Load switch
• High speed switching
•DC/DC converters
• Battery-operated and mobile devices
Notes
a. Surface mounted on 1" x 1" FR4 board with full copper, t = 5 s.
b. Surface mounted on 1" x 1" FR4 board with minimum copper, t = 5 s.
c. Refer to IPC / JEDEC® (J-STD-020), no manual or hand soldering.
d. Maximum under steady state conditions is 135 °C/W.
e. Maximum under steady state conditions is 400 °C/W.
f. Package limited.
PRODUCT SUMMARY
VDS (V)
12
RDS(on) max. () at VGS = 4.5 V
0.34
RDS(on) max. () at VGS = 2.5 V
0.4
RDS(on) max. () at VGS = 1.8 V
0.55
RDS(on) max. () at VGS = 1.5 V
1.2
RDS(on) max. () at VGS = 1.2 V
2.5
Qg typ. (nC)
0.47
ID (A)
0.5 a, f
Configuration
Single
PowerPAK® 0806 Single
Top View
Bottom View
1
G
2
S
D
3
1
0.8
mm
0.6
mm
1
6m
m
0.8
mm
N-Channel MOSFET
S
D
G
ORDERING INFORMATION
Package
PowerPAK 0806
Lead (Pb)-free and halogen-free
SiUD412ED-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
12
V
Gate-source voltage
VGS
± 5
Continuous drain current (TJ = 150 °C)
TA = 25 °C
ID
0.5 a, f
A
TA = 70 °C
0.5 a, f
TA = 25 °C
0.5 b
TA = 70 °C
0.5 b
Pulsed drain current (t = 100 μs)
IDM
1.5
Continuous source-drain diode current
TA = 25 °C
IS
0.5 a, f
TA = 70 °C
0.37 b
Maximum power dissipation
TA = 25 °C
PD
1.25 a
W
TA = 70 °C
0.8 a
TA = 25 °C
0.37 b
TA = 70 °C
0.24 b
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient a, d
t
 5 s
RthJA
80
100
°C/W
Maximum junction-to-ambient b, e
t
 5 s
RthJA
265
335


Similar Part No. - SIUD412ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIUD412ED-T1-GE3 VISHAY-SIUD412ED-T1-GE3 Datasheet
223Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIUD412ED VISHAY-SIUD412ED_V01 Datasheet
223Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIUD412ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com