Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C101K5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C101K5GACTU
Description  Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C101K5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C101K5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - dc705a8c-eaf2-4d46-859c-4a616b6686a0
KEMET Part Number: C0402C101K5GACTU
(C0402C101K5GAC7867)
Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0402
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 100 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C101K5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C101K5GACAUTO KEMET-C0402C101K5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 100 pF, 10%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
More results

Similar Description - C0402C101K5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C100K5GACTU KEMET-C0402C100K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101F5GACTU KEMET-C0402C101F5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 1%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101G5GACTU KEMET-C0402C101G5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 2%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C220K5GACTU KEMET-C0402C220K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C470K5GACTU KEMET-C0402C470K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C180K5GACTU KEMET-C0402C180K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 18 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C270K5GACTU KEMET-C0402C270K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 27 pF, 10%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101J5GACTU KEMET-C0402C101J5GACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101K4GACTU KEMET-C0402C101K4GACTU Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 16 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C101K3GACTU KEMET-C0402C101K3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 25 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com