Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SISS28DN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SISS28DN
Description  N-Channel 25 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISS28DN Datasheet(HTML) 5 Page - Vishay Siliconix

  SISS28DN Datasheet HTML 1Page - Vishay Siliconix SISS28DN Datasheet HTML 2Page - Vishay Siliconix SISS28DN Datasheet HTML 3Page - Vishay Siliconix SISS28DN Datasheet HTML 4Page - Vishay Siliconix SISS28DN Datasheet HTML 5Page - Vishay Siliconix SISS28DN Datasheet HTML 6Page - Vishay Siliconix SISS28DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SiSS28DN
www.vishay.com
Vishay Siliconix
S16-1282-Rev. A, 27-Jun-16
5
Document Number: 76552
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating a
Power, Junction-to-Case
Power, Junction-to-Ambient
Note
a. The power dissipation PD is based on TJ (max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
10
100
1000
10000
0
36
72
108
144
180
0
25
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
Package Limited
10
100
1000
10000
0
14
28
42
56
70
025
50
75
100
125
150
Axis Title
T
C - Case Temperature (°C)
2nd line
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
025
50
75
100
125
150
Axis Title
T
A - Ambient Temperature (°C)
2nd line


Similar Part No. - SISS28DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS22DN VISHAY-SISS22DN Datasheet
259Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SISS22DN-T1-GE3 VISHAY-SISS22DN-T1-GE3 Datasheet
259Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SISS22LDN VISHAY-SISS22LDN Datasheet
160Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SISS22LDN-T1-GE3 VISHAY-SISS22LDN-T1-GE3 Datasheet
160Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SISS23DN VISHAY-SISS23DN Datasheet
271Kb / 9P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 13-May-13
More results

Similar Description - SISS28DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com