Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXP14R.A.07.0100A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part No. FXP14R.A.07.0100A
Description  Peel and Stick Mounting
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOGLAS [Taoglas antenna solutions]
Homepage  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP14R.A.07.0100A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXP14R.A.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-13-8-074/A/PK | page 3 of 10
Electrical
Frequency (MHz)
850
900
1700
1800
1900
2100
Return Loss (dB)
-7
-11
-12
-16
-12
-12
Efficiency (%)
42
42
70
75
78
70
Gain (dBi)
-1.5
-3.0
1.5
2.5
2.5
2.5
Impedance
50Ω
Integrated AntD© Resistor
Resistor
Shunt 10K Ohm (+/- 5%) to Ground
Polarization
Linear
Power Handled
50 W
Mechanical
Dimensions
70*20*01mm
Connector
MHFll (U.FL Compatible)
Cable Standard
Mini-Coax 1.13mm
Cable Length and color
100 mm, Black
Environmental
Temperature Range
-40°C to 85°C
Storage Temperature
-40°C to 85°C
2. Specification


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn