Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXP14R.A.07.0100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part No. FXP14R.A.07.0100A
Description  Peel and Stick Mounting
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOGLAS [Taoglas antenna solutions]
Homepage  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP14R.A.07.0100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP14R.A.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-13-8-074/A/PK | page 2 of 10
The Taoglas FXP14R Hexa Band Cellular
Antenna with Integrated AntD© Resistor
covers all world-wide 2G/3G bands (850
/ 900 / 1700 / 1800 / 1900 / 2100 MHz).
Common applications are in GSM / CDMA
/ DCS / PCS / WCDMA / UMTS/ HSPA /
GPRS / EDGE.
The antenna has been designed using a
super thin flexible polymer substrate with
a rectangular form-factor and cable
connection for ease of installation.
The antenna radiates well on different
plastic materials and thickness.
We have selected ABS plastic mounting
with 2 mm of thickness as a baseline for
testing. Best in class efficiency on lower
and upper bands (above 40%) make it
an ideal antenna for devices where space
for onboard SMT cellular antennas is not
available. The antenna is mounted via
automotive quality 3M 467MP adhesive
and has excellent reliability.
The FXP14 has its own ground-plane,
therefore it does not need to connect to
the ground-plane of the main-board of the
device for improved radiation efficiency.
Taoglas unique AntD© technology allows
connected radio products to perform
diagnostics on the antenna.
This includes detection that the proper
antenna is connected and that the
connection isn’t shorted or broken.
Contact Taoglas engineering for
examples on how to implement
AntD© antenna diagnostics in
your product.
Cable length and connector types are
also customizable. Like all such antennas,
care should be taken to mount the antenna
at least 10mm from metal components
or surfaces, and ideally 20mm for best
radiation efficiency.
1. Introduction


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn