Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXP14R.A.07.0100A Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part No. FXP14R.A.07.0100A
Description  Peel and Stick Mounting
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOGLAS [Taoglas antenna solutions]
Homepage  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP14R.A.07.0100A Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button FXP14R.A.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions FXP14R.A.07.0100A Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPE-13-8-074/A/PK | page 9 of 10
5. Drawing
Name
Material
Finish
QTY
1
FXP14R FPCB
FPCB 0.1t Black
1
2
1.13 Coaxial Cable
FEP
Black
1
3
IPEX MHF1
Brass
Gold
1
4
Double-Sided Adhesive 3M 467
Brown Liner 1
5
Resistor (R=10k Ohm)
Ceramic
N/A
1
Figure 9. Mechanical Drawing for the FXP14 Antenna


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn