Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6626MMX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6626MMX
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6626MMX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6626MMX Datasheet HTML 1Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 2Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 3Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 4Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 5Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 6Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 7Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 8Page - National Semiconductor (TI) LMH6626MMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±6V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 6V, V= −6V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
SC
Output Short Circuit Current
(LMH6624)
Sourcing to Ground
∆V
IN = 200mV (Note 3), (Note 11)
100
85
156
mA
(LMH6624)
Sinking to Ground
∆V
IN = −200mV (Note 3), (Note 11)
100
85
156
(LMH6626)
Sourcing to Ground
∆V
IN = 200mV (Note 3), (Note 11)
65
55
120
(LMH6626)
Sinking to Ground
∆V
IN = −200mV (Note 3), (Note 11)
65
55
120
I
OUT
Output Current
(LMH6624)
Sourcing, V
O = +4.3V
Sinking, V
O = −4.3V
100
mA
(LMH6626)
Sourcing, V
O = +4.3V
Sinking, V
O = −4.3V
80
Power Supply
PSRR
Power Supply Rejection Ratio
V
S = ±5.4V to ±6.6V
82
80
88
dB
I
S
Supply Current (per channel)
No Load
12
16
18
mA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Average drift is determined by dividing the change in parameter at temperature extremes into the total temperature change.
Note 8: Slew rate is the slowest of the rising and falling slew rates.
Note 9: Machine Model, 0
Ω in series with 200pF.
Note 10: Simulation results.
Note 11: Short circuit test is a momentary test. Output short circuit duration is 1.5ms.
Note 12: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Absolute maximum ratings indicate junction temperature limits beyond which the device may be permanently degraded, either mechanically or electrically.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
SOT23-5
LMH6624MF
A94A
1k Units Tape and Reel
MF05A
LMH6624MFX
3k Units Tape and Reel
SOIC-8
LMH6624MA
LMH6624MA
95 Units/Rail
M08A
LMH6624MAX
2.5k Units Tape and Reel
SOIC-8
LMH6626MA
LMH6626MA
95 Units/Rail
M08A
LMH6626MAX
2.5k Units Tape and Reel
MSOP-8
LMH6626MM
A98A
1k Units Tape and Reel
MUA08A
LMH6626MMX
3.5k Units Tape and Reel
www.national.com
5


Similar Part No. - LMH6626MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6626MMX NSC-LMH6626MMX Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6626MMX/NOPB TI1-LMH6626MMX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6626MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624-MIL TI1-LMH6624-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Single Ultra-Low-Noise Wideband Operational Amplifier
LMH6624MF TI-LMH6624MF Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com