Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPWH22FT Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SPWH22FT
Description  Portable Radio Antennas
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPWH22FT Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SPWH22FT Datasheet HTML 1Page - Pulse A Technitrol Company SPWH22FT Datasheet HTML 2Page - Pulse A Technitrol Company SPWH22FT Datasheet HTML 3Page - Pulse A Technitrol Company SPWH22FT Datasheet HTML 4Page - Pulse A Technitrol Company SPWH22FT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12
www.pulseelectronics.com/products/antennas
note: antennas are not to scale
Portable radio antennas
SPOTS!
sMA MALe t2
SMA Male flush base
(SM Type)
Popular Brands
G.E., Technophone,
Relm
PArt
Frequency
APPrOX
nuMBer
cOnnectOr
BAnD (MHz)
AntennA tyPe
LenGtH
SPDA24700/2700
SMA Male
698-960/1710-2170/2500-2700
Multiband
9”
SPDA24832
SMA
824 - 894
Center Fed Dipole
9”
SPDA24850/1900
SMA
824 - 894 / 1850 - 1990
Center Fed Dipole
7.5”
SPDA24918
SMA M T2
890 - 960
Center Fed Dipole
8”
SPDA241800
SMA M T2
1710 - 1880
Center Fed Dipole
6.5”
SPDA241900
SMA M T2
1850 - 1990
Center Fed Dipole
6.5”
SPDA242400
SMA
2400 - 2500
Center Fed Dipole
6”
SPDA24RP918
SMA M T2 RP
890 - 960
Center Fed Dipole
8”
SPDA24RP2400
SMA M T2 RP
2400 - 2500
Center Fed Dipole
6”
SPDP24832
SMA M T2
824 - 894
Center Fed Dipole
8”
SPDP24918
SMA M T2
890 - 960
Center Fed Dipole
SPDP242400
SMA M T2
2400 - 2500
Center Fed Dipole
3.5”
SPEN24815
SMA M T2
760 - 870
Whip - End Fed - 1/2
λ
7
SPHS24832
SMA M T2
800 - 864
Helical - Short - 1/4
λ
2.75”
SPWB24150
SMA M T2
136 - 174
Wideband
7.5”
SPWB24425
SMA M T2
380 - 470
Wideband
6.5”
SPWB24480
SMA M T2
440 - 520
Wideband
6”
SPWH24815
SMA M T2
760 - 870
Whip - Short - 1/4 Wave
3.5
SPWH24918
SMA M T2
863 - 973
Whip - Standard - 1/4
λ
3”
SPHS24918
SMA M T2
872 - 954
Helical - Short - 1/4
λ
2.75”
SPHL24FT
SMA M T2
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH24FT
SMA M T2
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
R380.500.125
SMA M T2 RP
2400 - 2500
Molded - 1/4
λ
2.5”
sMA MALe - FLusH BAse - t2 (sM tyPe)
cODe 24


Similar Part No. - SPWH22FT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH21450 PULSE-SPWH21450 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
SPWH23832 PULSE-SPWH23832 Datasheet
158Kb / 5P
   ANTENNAS
SPWH23918 PULSE-SPWH23918 Datasheet
158Kb / 5P
   ANTENNAS
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
More results

Similar Description - SPWH22FT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
NXP Semiconductors
D1875 PHILIPS-D1875 Datasheet
223Kb / 4P
   portable radio
03-1987
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Mitsubishi Electric Sem...
RA07N4452M MITSUBISHI-RA07N4452M Datasheet
61Kb / 9P
   440-520MHz 7.5W 9.6V PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com