Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1461 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1461
Description  Bulk Metal Foil Technology Single-In-Line Hermetic Resistor Networks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1461 Datasheet(HTML) 1 Page - Vishay Siliconix

  1461 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 63035
Revision 31-Jul-02
www.vishay.com
130
1461, 1463, 1464, 1466
Vishay Foil Resistors
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
Bulk Metal
® Foil Technology
Single-In-Line Hermetic Resistor Networks
NOTES:
1. These networks utilize Vishay Bulk Metal
® Foil resistor chips V5X5 and V15X5 or VTF15X5 Thin Film chips.
2. The V5X5 and V15X5 chips have maximum resistance values of 10K and 33K respectively in Bulk Metal
® Foil and 500K in VTF15X5 Thin
Film chips.
3. The V5X5 and V15X5 chip(s) can be intermixed in a package.
Vishay Precision Hermetic Resistor Networks are available in
ceramic SIP (Single-In-Line Package) configurations.
Four
models, with 6 -11 pins, are available. Select a SIP for a small
footprint.
Review data sheet “7 Technical Reasons to specify Bulk
Metal® Foil Resistor Networks.”
ORDERING INFORMATION - 1460 SERIES PARTS
Networks are built to your requirements. Send your schematic
and electrical requirements to the Applications Engineering
Department. (See data sheet “Network Worksheet.”) A unique
part number will be assigned which defines all aspects of your
network.
VISHAY
NUMBER
CHIP
MAXIMUM DIMENSIONS
LEAD LENGTH
LEAD
MAXIMUM POWER RATING
MODEL NUMBER OF LEADS
CAPACITY
(MINIMUM)
SPACING
(WATTS) @ +70
°C
(V15X5)
1461
6
3
0.590 x 0.300 x 0.100
0.150
0.100
0.3 Watt
(14.985) x 7.620 x 2.540)
(3.810)
2.540)
1463
7
10
0.785 x 0.360 x 0.130
0.125
0.100
1.2 Watt
(19.939 x 9.144 x 3.302)
(3.175)
(2.540)
1464
8
12
0.810 x 0.360 x 0.130
0.125
0.100
1.4 Watt
(20.574 x 9.144 x 3.302)
(3.175)
(2.540)
1466
11
5
0.900 x 0.250 x 0.130
0.400
0.050
0.5 Watt
(22.860 x 6.350 x 3.302)
(10.160)
(1.270)
LH
W
TABLE 1 -
PACKAGE TYPES AND CHARACTERISTICS
Product may not
be to scale


Similar Part No. - 1461

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1461-10-1F MOLEX11-1461-10-1F Datasheet
104Kb / 2P
   HOUSING, COMMONING [.090/(2.29) OFFSET]
1461-10-2F MOLEX11-1461-10-2F Datasheet
104Kb / 2P
   HOUSING, COMMONING [.090/(2.29) OFFSET]
1461-10-3F MOLEX11-1461-10-3F Datasheet
104Kb / 2P
   HOUSING, COMMONING [.090/(2.29) OFFSET]
1461-10D MOLEX11-1461-10D Datasheet
104Kb / 2P
   HOUSING, COMMONING [.090/(2.29) OFFSET]
1461-10E MOLEX11-1461-10E Datasheet
33Kb / 1P
   Commoning Crimp Housing Receptacle Housing, 10 Circuits
More results

Similar Description - 1461

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1442 VISHAY-1442 Datasheet
127Kb / 2P
   Bulk Metal Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 31-Jul-02
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
1457 VISHAY-1457 Datasheet
74Kb / 1P
   Bulk Metal Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
Revision 28-Aug-02
VSM40 VISHAY-VSM40 Datasheet
135Kb / 3P
   Bulk Metal® Foil Technology Surface Mount Hermetic Resistor Networks in Gull Wing Configuration
Revision 08-Mar-05
1457 VISHAY-1457_08 Datasheet
125Kb / 2P
   Bulk Metal® Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
Revision 08-Mar-05
1460 VISHAY-1460 Datasheet
126Kb / 2P
   Bulk Metal® Foil Technology 20 Pin Dual-In-Line Hermetic Resistor Network
Revision 08-Mar-05
VSM85 VISHAY-VSM85 Datasheet
111Kb / 2P
   Bulk Metal® Foil Technology Surface Mount Hermetic Resistor Networks In Leadless Chip Carrier (LCC) Configuration
Revision 08-Mar-05
1476 VISHAY-1476 Datasheet
117Kb / 1P
   Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
Revision 26-Mar-02
1403 VISHAY-1403 Datasheet
62Kb / 1P
   Bulk Metal Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
Revision 31-Jul-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com