Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE0805DRE7T0R001L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # PE0805DRE7T0R001L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE0805DRE7T0R001L Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button PE0805DRE7T0R001L Datasheet HTML 3Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 4Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 5Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 6Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 7Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 8Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 9Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 10Page - YAGEO Corporation PE0805DRE7T0R001L Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
7
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
Fig. 8 Embossed Tape
EMBOSSED TAPE
Table 5 Dimensions of embossed tape for relevant chip resistors size
SIZE
SYMBOL
Unit: mm
A0
B0
W
E
F
P0
P1
P2
Ø D0
Ø D1
T
PE2010 3.00± 0.15 5.60± 0.15 12.10± 0.30 1.75± 0.10 5.50± 0.10 4.00± 0.10 4.00± 0.10 2.00± 0.10 1.50± 0.10 1.50± 0.10 0.80± 0.15
PE2512 3.40± 0.15 6.70± 0.15 12.10± 0.30 1.75± 0.10 5.50± 0.10 4.00± 0.10 4.00± 0.10 2.00± 0.10 1.50± 0.10 1.50± 0.10 0.80± 0.15


Similar Part No. - PE0805DRE7T0R001L

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
PE00003CBHD-PF ACT-PE00003CBHD-PF Datasheet
135Kb / 1P
   2.0x6.0mm Watch crystal
01/02/2017
PE00003CBHL-PF ACT-PE00003CBHL-PF Datasheet
135Kb / 1P
   2.0x6.0mm Watch crystal
01/02/2017
PE00003CBKD-PF ACT-PE00003CBKD-PF Datasheet
135Kb / 1P
   2.0x6.0mm Watch crystal
01/02/2017
PE00003CBKL-PF ACT-PE00003CBKL-PF Datasheet
135Kb / 1P
   2.0x6.0mm Watch crystal
01/02/2017
PE00003CBMD-PF ACT-PE00003CBMD-PF Datasheet
135Kb / 1P
   2.0x6.0mm Watch crystal
01/02/2017
More results

Similar Description - PE0805DRE7T0R001L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com