Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR04C330GAGAC Datasheet(PDF) 10 Page - Kemet Corporation

Part # CBR04C330GAGAC
Description  HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 - 500 VDC, 1 MHz - 50 GHz (RF & Microwave)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C330GAGAC Datasheet(HTML) 10 Page - Kemet Corporation

Back Button CBR04C330GAGAC Datasheet HTML 6Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 7Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 8Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 9Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 10Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 11Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 12Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 13Page - Kemet Corporation CBR04C330GAGAC Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1030_C0G_CBR • 8/1/2016 10
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs) for High Power Applications
HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 – 500 VDC, 1 MHz – 50 GHz (RF & Microwave)
Soldering Process
Recommended Soldering Technique:
•Solderwaveorsolderreflowfor0603and0805casesizes
•0201and0402casesizesarelimitedtosolderreflowonly
Recommended Soldering Profile:
• KEMET recommends following the guidelines outlined in IPC/JEDEC J–STD–020
Recommended Solder Alloys:
Alloy
Composition
Solidus
Liquidous
In50
50 In, 50 Pb
180°C
209°C
In52
52 In, 48 Sn
118°C
118°C
Sn62
62.5 Sn, 36.1 Pb, 1.4 Ag
179°C
179°C
Sn63
63 Sn, 37 Pb
183°C
183°C
Pb-Free
95.5 Sn, 3.8 Ag, 0.7 Cu
217°C
217°C
Hi-Temp
5 Sn, 93.5 Pb, 1.5 Ag
296°C
301°C
Sn5
5 Sn, 95 Pb
308°C
312°C


Similar Part No. - CBR04C330GAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C330G5GACAUTO KEMET-CBR04C330G5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
More results

Similar Description - CBR04C330GAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C330F5GACAUTO KEMET-CBR04C330F5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
CBR02C330F9GAC KEMET-CBR02C330F9GAC_17 Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 33 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C220F9GAC KEMET-CBR02C220F9GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR08C109ACGAC KEMET-CBR08C109ACGAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.05 pF, 500 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR06C100F5GAC KEMET-CBR06C100F5GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 10 pF, 1%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR06C470J5GAC KEMET-CBR06C470J5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 47 pF, 5%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR04C160F5GAC KEMET-CBR04C160F5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 16 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C200F5GAC KEMET-CBR04C200F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 20 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C220F5GAC KEMET-CBR04C220F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C509C5GAC KEMET-CBR06C509C5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 5 pF, /-0.25 pF, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com