Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR08C330DAGAC Datasheet(PDF) 6 Page - Kemet Corporation

Part # CBR08C330DAGAC
Description  HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 - 500 VDC, 1 MHz - 50 GHz (RF & Microwave)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR08C330DAGAC Datasheet(HTML) 6 Page - Kemet Corporation

Back Button CBR08C330DAGAC Datasheet HTML 2Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 3Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 4Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 5Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 6Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 7Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 8Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 9Page - Kemet Corporation CBR08C330DAGAC Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1030_C0G_CBR • 8/1/2016
6
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs) for High Power Applications
HiQ-CBR Series, C0G Dielectric, Low ESR 6.3 – 500 VDC, 1 MHz – 50 GHz (RF & Microwave)
Case Size – Inches (mm)
0201 (0603)
0402 (1005)
0603 (1608)
0805 (2012)
Length
mm
(Inches)
0.60 ± 0.03
(0.024 ± 0.001)
1.00 ± 0.05
(0.040 ± 0.002)
1.60 ± 0.10
(0.063 ± 0.004)
2.00 ± 0.20
(0.079 ± 0.008)
Width
mm
(Inches)
0.30 ± 0.03
(0.012 ± 0.001)
0.50 ± 0.05
(0.020 ± 0.002)
0.80 ± 0.10
(0.031 ± 0.004)
1.25 ± 0.20
(0.049 ± 0.008)
Thickness
mm
(Inches)
0.30 ± 0.03
(0.012 ± 0.001)
0.50 ± 0.05
(0.020 ± 0.002)
0.80 ± 0.07
(0.031 ± 0.003)
0.85 ± 0.10
(0.031 ± 0.004)
Bandwidth
mm
(Inches)
0.15 ± 0.05
(0.006 ± 0.002)
0.25 + 0.05 / -0.10
(0.010 + 0.002 / -0.004)
0.40 ± 0.15
(0.016 ± 0.006)
0.50 ± 0.20
(0.020 ± 0.008)
Rated Voltage (VDC)
6.3 10
25 50
25
50
100
200
50 100 250 50 100 250 500
Voltage Code
9
8
3
5
3
5
1
2
5
1
A
5
1
A
C
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.1 pF
A = ±0.05 pF
B = ±0.1 pF
108*
108*
108*
108*
108
108
108*
108*
0.2 pF
208
208
208
208
208
208
208
208
0.3 pF
308
308
308
308
308
308
308
308
308
308
308
308
308
308
308
0.4 pF
408
408
408
408
408
408
408
408
408
408
408
408
408
408
408
0.5 pF
A = ±0.05 pF
B = ±0.1 pF
C = ±0.25 pF
508
508
508
508
508
508
508
508
508
508
508
508
508
508
508
0.6 pF
608
608
608
608
608
608
608
608
608
608
608
608
608
608
608
0.7 pF
708
708
708
708
708
708
708
708
708
708
708
708
708
708
708
0.8 pF
808
808
808
808
808
808
808
808
808
808
808
808
808
808
808
0.9 pF
908
908
908
908
908
908
908
908
908
908
908
908
908
908
908
1.0 pF
109
109
109
109
109
109
109
109
109
109
109
109
109
109
109
1.1 pF
119
119
119
119
119
119
119
119
119
119
119
119
119
119
119
1.2 pF
129
129
129
129
129
129
129
129
129
129
129
129
129
129
129
1.3 pF
139
139
139
139
139
139
139
139
139
139
139
139
139
139
139
1.4 pF
149
149
149
149
149
149
149
149
149
149
149
149
149
149
149
1.5 pF
159
159
159
159
159
159
159
159
159
159
159
159
159
159
159
1.6 pF
169
169
169
169
169
169
169
169
169
169
169
169
169
169
169
1.7 pF
179
179
179
179
179
179
179
179
179
179
179
179
179
179
179
1.8 pF
189
189
189
189
189
189
189
189
189
189
189
189
189
189
189
1.9 pF
199
199
199
199
199
199
199
199
199
199
199
199
199
199
199
2.0 pF
209
209
209
209
209
209
209
209
209
209
209
209
209
209
209
2.1 pF
219
219
219
219
219
219
219
219
219
219
219
219
219
219
219
2.2 pF
229
229
229
229
229
229
229
229
229
229
229
229
229
229
229
2.3 pF
239
239
239
239
239
239
239
239
239
239
239
239
239
239
239
2.4 pF
249
249
249
249
249
249
249
249
249
249
249
249
249
249
249
2.5 pF
259
259
259
259
259
259
259
259
259
259
259
259
259
259
259
2.6 pF
269
269
269
269
269
269
269
269
269
269
269
269
269
269
269
2.7 pF
279
279
279
279
279
279
279
279
279
279
279
279
279
279
279
2.8 pF
289
289
289
289
289
289
289
289
289
289
289
289
289
289
289
2.9 pF
299
299
299
299
299
299
299
299
299
299
299
299
299
299
299
3.0 pF
309
309
309
309
309
309
309
309
309
309
309
309
309
309
309
3.1 pF
319
319
319
319
319
319
319
319
319
319
319
319
319
319
319
3.2 pF
329
329
329
329
329
329
329
329
329
329
329
329
329
329
329
3.3 pF
339
339
339
339
339
339
339
339
339
339
339
339
339
339
339
3.4 pF
349
349
349
349
349
349
349
349
349
349
349
349
349
349
349
3.5 pF
359
359
359
359
359
359
359
359
359
359
359
359
359
359
359
3.6 pF
369
369
369
369
369
369
369
369
369
369
369
369
369
369
369
3.7 pF
379
379
379
379
379
379
379
379
379
379
379
379
379
379
379
3.8 pF
389
389
389
389
389
389
389
389
389
389
389
389
389
389
389
3.9 pF
399
399
399
399
399
399
399
399
399
399
399
399
399
399
399
4.0 pF
409
409
409
409
409
409
409
409
409
409
409
409
409
409
409
4.1 pF
419
419
419
419
419
419
419
419
419
419
419
419
419
419
419
4.2 pF
429
429
429
429
429
429
429
429
429
429
429
429
429
429
429
4.3 pF
439
439
439
439
439
439
439
439
439
439
439
439
439
439
439
4.4 pF
449
449
449
449
449
449
449
449
449
449
449
449
449
449
449
4.5 pF
459
459
459
459
459
459
459
459
459
459
459
459
459
459
459
4.6 pF
469
469
469
469
469
469
469
469
469
469
469
469
469
469
469
4.7 pF
479
479
479
479
479
479
479
479
479
479
479
479
479
479
479
4.8 pF
489
489
489
489
489
489
489
489
489
489
489
489
489
489
489
4.9 pF
499
499
499
499
499
499
499
499
499
499
499
499
499
499
499
Rated Voltage (VDC)
6.3
10
25
50
25
50
100
200
50
100
250
50
100
250
500
Voltage Code
9
8
3
5
3
5
1
2
5
1
A
5
1
A
C
Table 1 – CBR Series, Capacitance Range Waterfall
*Available only in "B" ( ±0.1pF) capacitance tolerance.


Similar Part No. - CBR08C330DAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR08C339B1GAC KEMET-CBR08C339B1GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 100 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR08C339BAGAC KEMET-CBR08C339BAGAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 250 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
More results

Similar Description - CBR08C330DAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C330F5GACAUTO KEMET-CBR04C330F5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
CBR02C330F9GAC KEMET-CBR02C330F9GAC_17 Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 33 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C220F9GAC KEMET-CBR02C220F9GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 6.3 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR08C109ACGAC KEMET-CBR08C109ACGAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.05 pF, 500 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0805
CBR06C100F5GAC KEMET-CBR06C100F5GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 10 pF, 1%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR06C470J5GAC KEMET-CBR06C470J5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 47 pF, 5%, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
CBR04C160F5GAC KEMET-CBR04C160F5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 16 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C200F5GAC KEMET-CBR04C200F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 20 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C220F5GAC KEMET-CBR04C220F5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 22 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C509C5GAC KEMET-CBR06C509C5GAC Datasheet
55Kb / 1P
   CBR-SMD RF C0G, Ceramic, 5 pF, /-0.25 pF, 50 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com