Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIRB40DP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIRB40DP
Description  Dual N-Channel 40 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRB40DP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIRB40DP Datasheet HTML 2Page - Vishay Siliconix SIRB40DP Datasheet HTML 3Page - Vishay Siliconix SIRB40DP Datasheet HTML 4Page - Vishay Siliconix SIRB40DP Datasheet HTML 5Page - Vishay Siliconix SIRB40DP Datasheet HTML 6Page - Vishay Siliconix SIRB40DP Datasheet HTML 7Page - Vishay Siliconix SIRB40DP Datasheet HTML 8Page - Vishay Siliconix SIRB40DP Datasheet HTML 9Page - Vishay Siliconix SIRB40DP Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SiRB40DP
www.vishay.com
Vishay Siliconix
S16-1324-Rev. A, 04-Jul-16
6
Document Number: 68578
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?68578.
10
100
1000
10000
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Axis Title
Square Wave Pulse Duration (s)
2nd line
0.1
0.05
0.02
Single pulse
Duty Cycle = 0.5
0.2
P
DM
t
1
t
2
1. Duty cycle, D =
2. Per unit base = R
thJA = 80 °C/W
3. T
JM -TA = PDMZthJA
(t)
4. Surface mounted
t
1
t
2
Notes:
10
100
1000
10000
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Axis Title
Square Wave Pulse Duration (s)
2nd line
0.1
0.05
0.02
Single pulse
Duty Cycle = 0.5
0.2


Similar Part No. - SIRB40DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRB40DP VISHAY-SIRB40DP Datasheet
356Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SIRB40DP VISHAY-SIRB40DP_V01 Datasheet
356Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIRB40DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com