Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS26T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS26T3G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS26T3G Datasheet(HTML) 1 Page - ON Semiconductor

  SS26T3G Datasheet HTML 1Page - ON Semiconductor SS26T3G Datasheet HTML 2Page - ON Semiconductor SS26T3G Datasheet HTML 3Page - ON Semiconductor SS26T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 5
1
Publication Order Number:
SS26/D
SS26T3G, NRVBSS26T3G
Surface Mount
Schottky Power Rectifier
SMB Power Surface Mount Package
. . . employing the Schottky Barrier principle in a metal−to−silicon
power rectifier. Features epitaxial construction with oxide passivation
and metal overlay contact. Ideally suited for low voltage, high
frequency switching power supplies; free wheeling diodes and
polarity protection diodes.
Features
Compact Package with J−Bend Leads Ideal for Automated Handling
Highly Stable Oxide Passivated Junction
Guardring for Overvoltage Protection
Low Forward Voltage Drop
NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
Pb−Free Package is Available
Mechanical Characteristics:
Case: Molded Epoxy
Epoxy Meets UL 94, V−O at 0.125 in
Weight: 95 mg (approximately)
Cathode Polarity Band
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Available in 12 mm Tape, 2500 Units per 13″ Reel, Add “T3” Suffix
to Part Number
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
ESD Ratings: Human Body Model = 3B
Machine Model = C
Marking: SS26
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(At Rated VR, TL = 95°C)
IO
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Condi-
tions Halfwave, Single Phase, 60 Hz)
IFSM
40
A
Storage/Operating Case Temperature
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +150
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Device
Package
Shipping
ORDERING INFORMATION
SMB
CASE 403A
SCHOTTKY BARRIER
RECTIFIER
2.0 AMPERES
60 VOLTS
MARKING DIAGRAM
http://onsemi.com
SS26T3G
SMB
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AYWW
SS26G
G
SS26
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
NRVBSS26T3G
SMB
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - SS26T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS26T3G ONSEMI-SS26T3G Datasheet
102Kb / 4P
   Surface Mount Schottky Power Rectifier
February, 2005 ??Rev. 2
More results

Similar Description - SS26T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com