Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST3904F3T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NST3904F3T5G
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NST3904F3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  NST3904F3T5G_12 Datasheet HTML 1Page - ON Semiconductor NST3904F3T5G_12 Datasheet HTML 2Page - ON Semiconductor NST3904F3T5G_12 Datasheet HTML 3Page - ON Semiconductor NST3904F3T5G_12 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 1
1
Publication Order Number:
NST3904F3/D
NST3904F3T5G
NPN General Purpose
Transistor
The NST3904F3T5G device is a spin−off of our popular
SOT−23/SOT−323/SOT−563/SOT−963 three−leaded device. It is
designed for general purpose amplifier applications and is housed in
the SOT−1123 surface mount package. This device is ideal for
low−power surface mount applications where board space is at a
premium.
Features
hFE, 100−300
Low VCE(sat), ≤ 0.4 V
Reduces Board Space
This is a Pb−Free Device
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCBO
60
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation, TA = 25°C
Derate above 25°C
PD
(Note 1)
290
2.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
(Note 1)
432
°C/W
Total Device Dissipation, TA = 25°C
Derate above 25°C
PD
(Note 2)
347
2.8
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
(Note 2)
360
°C/W
Thermal Resistance,
Junction−to−Lead 3
RYJL
(Note 2)
143
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. 100 mm2 1 oz, copper traces.
2. 500 mm2 1 oz, copper traces.
SOT−1123
CASE 524AA
STYLE 1
1
ORDERING INFORMATION
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
NST3904F3T5G
SOT−1123
(Pb−Free)
8000 / Tape & Reel
2
= Device Code
M = Date Code
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
2
3
1
COLLECTOR
3
1
BASE
2
EMITTER
2 M


Similar Part No. - NST3904F3T5G_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3904F3T5G ONSEMI-NST3904F3T5G Datasheet
96Kb / 4P
   NPN General Purpose Transistor
April, 2008 ??Rev. 0
More results

Similar Description - NST3904F3T5G_12

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com