Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR10F20NXT5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR10F20NXT5G
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR10F20NXT5G Datasheet(HTML) 2 Page - ON Semiconductor

  NSR10F20NXT5G_13 Datasheet HTML 1Page - ON Semiconductor NSR10F20NXT5G_13 Datasheet HTML 2Page - ON Semiconductor NSR10F20NXT5G_13 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSR10F20NXT5G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Thermal Resistance
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
RqJA
PD
228
548
°C/W
mW
Thermal Resistance
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
RqJA
PD
85
1.47
°C/W
W
Storage Temperature Range
Tstg
−40 to +125
°C
Junction Temperature
TJ
+150
°C
1. Mounted onto a 4 in square FR−4 board 50 mm sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
2. Mounted onto a 4 in square FR−4 board 1 in sq. 1 oz. Cu 0.06” thick single sided. Operating to steady state.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Leakage
(VR = 10 V)
(VR = 20 V)
IR
20
100
mA
Forward Voltage
(IF = 0.5 A)
(IF = 1.0 A)
VF
0.380
0.430
0.400
0.450
V
0.001
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
25°C
TJ = 150°C
TJ = 125°C
−25°C
75°C
VF, FORWARD VOLTAGE (V)
Figure 1. Forward Voltage
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
4
8
12
16
20
VR, REVERSE VOLTAGE (V)
Figure 2. Typical Reverse Current
25°C
150°C
125°C
75°C
−25°C
0
50
100
150
200
250
300
04
8
12
16
20
Figure 3. Typical Capacitance
VR, REVERSE VOLTAGE (V)
TA = 25°C


Similar Part No. - NSR10F20NXT5G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR10F20NXT5G ONSEMI-NSR10F20NXT5G Datasheet
97Kb / 3P
   Schottky Barrier Diode
July, 2010 ??Rev. 1
More results

Similar Description - NSR10F20NXT5G_13

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com