Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRA160T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRA160T3G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA160T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRA160T3G Datasheet HTML 1Page - ON Semiconductor MBRA160T3G Datasheet HTML 2Page - ON Semiconductor MBRA160T3G Datasheet HTML 3Page - ON Semiconductor MBRA160T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRA160T3G, NRVBA160T3G
http://onsemi.com
3
Figure 1. Typical Forward Voltage
0.1
0.3
0.4
0.7
0.2
0.5
10
0.1
1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 2. Maximum Forward Voltage
0.1
0.8
0.4
0.6
0.3
0.5
10
0.1
1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current
10
30
020
40
1E−05
1E−04
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Typical Capacitance
75°C
25°C
1E−03
1E−02
125°C
75°C
25°C
10
30
70
020
40
20
30
VR, REVERSE VOLTAGE (VOLTS)
40
50
1E−06
0.6
0.8
125°C
60
50
50
60
60
70
80
Figure 5. Current Derating − Junction−to−Lead
115
125
110
120
130
0.8
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
1.2
1.6
2.0
SQUARE WAVE
dc
0.2
0.6
0
0.4
0.8
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0.4
140
135
155
1
1.2
0.8
1.0
75°C
25°C
125°C
0.2
0.7
25°C
1.4
1.0
0.6
150
0.4
0.2
0
1.4
1.6
0.6
SQUARE WAVE
dc
145
1.8
TJ = 150°C
TJ = 150°C


Similar Part No. - MBRA160T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA160T3G ONSEMI-MBRA160T3G Datasheet
122Kb / 4P
   Surface Mount Schottky Power Rectifier
January, 2010 ??Rev. 9
MBRA160T3G ONSEMI-MBRA160T3G Datasheet
263Kb / 5P
   Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 14
More results

Similar Description - MBRA160T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com