Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVB120ESFT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVB120ESFT1G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB120ESFT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVB120ESFT1G Datasheet HTML 1Page - ON Semiconductor NRVB120ESFT1G Datasheet HTML 2Page - ON Semiconductor NRVB120ESFT1G Datasheet HTML 3Page - ON Semiconductor NRVB120ESFT1G Datasheet HTML 4Page - ON Semiconductor NRVB120ESFT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR120ESF, NRVB120ESF
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Average Rectified Forward Current
(At Rated VR, TL = 140°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TL = 125°C)
IFRM
2.0
A
Non−Repetitive Peak Surge Current
(Non−Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
40
A
Storage Temperature
Tstg
−65 to 150
°C
Operating Junction Temperature
TJ
−65 to 150
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Lead (Note 2)
Thermal Resistance − Junction−to−Ambient (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 2)
Rtjl
Rtjl
Rtja
Rtja
26
21
325
82
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4.
2. Mounted with 1 in. copper pad (Cu area 700 mm2).
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3), See Figure 2
VF
TJ = 25°C
TJ = 100°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 2.0 A)
0.455
0.530
0.595
0.360
0.455
0.540
Maximum Instantaneous Reverse Current (Note 3), See Figure 4
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 20 V)
(VR = 10 V)
(VR = 5.0 V)
10
1.0
0.5
1600
500
300
3. Pulse Test: Pulse Width ≤ 250 ms, Duty Cycle ≤ 2%.


Similar Part No. - NRVB120ESFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB120LSF ONSEMI-NRVB120LSF Datasheet
139Kb / 6P
   Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
NRVB120LSFT1G ONSEMI-NRVB120LSFT1G Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 4
NRVB120LSFT1G ONSEMI-NRVB120LSFT1G Datasheet
139Kb / 6P
   Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
NRVB120VLSF ONSEMI-NRVB120VLSF Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2014 ??Rev. 4
NRVB120VLSFT1G ONSEMI-NRVB120VLSFT1G Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2014 ??Rev. 4
More results

Similar Description - NRVB120ESFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com