Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MCS9VJE65 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJE65
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJE65 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CR16MCS9VJE65 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 9Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 10Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 11Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 12Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 13Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
www.national.com
10
4.1
PIN DESCRIPTION
Some pins have alternate functions which may be enabled.
These pins can be individually configured as general pur-
pose pins, even when the module they belong to is enabled.
The following is a brief description of all device pins.
Table 2
Input Pins
Signal
Type
Active
Pin (* for a shared pin)
Function
X1CKI
OSC
High
Main oscillator clock input.
X2CKI
OSC
High
32kHz oscillator clock input.
RESET CMOS
Low
Chip general reset pin. Schmitt trigger input, asynchronous.
ISE
CMOS
Low
Interrupt input for development system.
T1B
CMOS
Prog.
*
Timer 1 input B. Shares pin with I/O port pin PF1.
T2B
CMOS
Prog.
*
Timer 2 input B. Shares pin with I/O port pin PF5.
RDX1
CMOS
High
*
USART 1 receive data input. Shares pin with I/O port pin PG5.
RDX2
CMOS
High
*
USART 2 receive data input. Shares pin with I/O port pin PG0.
ACH0
Analog
*
A2D converter channel 0. Shares pin with I/O port pin PI0
ACH1
Analog
*
A2D converter channel 1. Shares pin with I/O port pin PI1
ACH2
Analog
*
A2D converter channel 2. Shares pin with I/O port pin PI2
ACH3
Analog
*
A2D converter channel 3. Shares pin with I/O port pin PI3
ACH4
Analog
*
A2D converter channel 4. Shares pin with I/O port pin PI4
ACH5
Analog
*
A2D converter channel 5. Shares pin with I/O port pin PI5
ACH6
Analog
*
A2D converter channel 6. Shares pin with I/O port pin PI6
ACH7
Analog
*
A2D converter channel 7. Shares pin with I/O port pin PI7
ACH8
Analog
*
A2D converter channel 8. Shares pin with I/O port pin PH0
ACH9
Analog
*
A2D converter channel 9. Shares pin with I/O port pin PH1
ACH10
Analog
*
A2D converter channel 10. Shares pin with I/O port pin PH2
ACH11
Analog
*
A2D converter channel 11. Shares pin with I/O port pin PH3
MWCS
CMOS
Low
*
SPI/MICROWIRE slave select. Shares pin with I/O port pin PH4.
NMI
CMOS
Low
External non-maskable interrupt.
ENV0
CMOS
Low
*
Strap to select operating environment.
ENV1
CMOS
Low
*
Strap pin to select operating environment.
ENV2
CMOS
Low
Strap pin to select operating environment.
CANRx CMOS
High
CAN receive data input.
Table 3
Output Pins
Signal
Type Active
Pin (* for
a shared pin)
Function
X1CKO
OSC
High
Main oscillator clock output.
X2CKO
OSC
High
32kHz oscillator clock output.
CLK
CMOS High
*
External reference clock for development environment (shared with ENV1).
CLKOUT
1
CMOS High
*
Clock output generated through prescaler (shared with ENV0).
CLKOUT
2
CMOS High
*
Clock output generated through prescaler (shared with ENV1).


Similar Part No. - CR16MCS9VJE65

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJE65

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com