Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR16MCS9VJE65 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJE65
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJE65 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CR16MCS9VJE65 Datasheet HTML 2Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 3Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 4Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 5Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 9Page - National Semiconductor (TI) CR16MCS9VJE65 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
www.national.com
6
3.5
INTERRUPTS
The Interrupt Control Unit (ICU31L) receives interrupt re-
quests from internal and external sources and generates in-
terrupts to the CPU. An interrupt is an event that temporarily
stops the normal flow of program execution and causes a
separate interrupt service routine to be executed. After the in-
terrupt is serviced, CPU execution continues with the next in-
struction in the program following the point of interruption.
Interrupts from the timers, USARTs, MICROWIRE/SPI inter-
face, multi-input wake-up, and A/D converter are all
maskable interrupts; they can be enabled or disabled by the
software. There are 32 of these maskable interrupts, orga-
nized into 32 predetermined levels of priority.
The highest-priority interrupt is the Non-Maskable Interrupt
(NMI), which is generated by a signal received on the NMI in-
put pin.
3.6
MULTI-INPUT WAKE-UP
The Multi-Input Wake-Up (MIWU16) module can be used for
either of two purposes: to provide inputs for waking up (exit-
ing) from the HALT, IDLE, or Power Save mode; or to provide
general-purpose edge-triggered maskable interrupts from
external sources. This 16-channel module generates four
programmable interrupts to the CPU based on the signals re-
ceived on its 16 input channels. Channels can be individually
enabled or disabled, and programmed to respond to positive
or negative edges.
3.7
DUAL CLOCK AND RESET
The Dual Clock and Reset (CLK2RES) module generates a
high-speed main system clock from an external crystal net-
work. It also provides the main system reset signal and a
power-on reset function.
This module also generates a slow system clock (32.768
kHz) from another external crystal network. The slow clock is
used for operating the device in power-save mode. Without a
32.768kHz external crystal network, the low speed system
clock can be derived from the high speed clock by a prescal-
er.
Also, two independent clocks divided down from the high
speed clock are available on output pins.
3.8
POWER MANAGEMENT
The Power Management Module (PMM) improves the effi-
ciency of the device by changing the operating mode and
therefore the power consumption according to the required
level of activity.
The device can operate in any of four power modes:
— Active: The device operates at full speed using the
high-frequency clock. All device functions are fully op-
erational.
— Power Save: The device operates at reduced speed
using the slow clock. The CPU and some modules can
continue to operate at this low speed.
— IDLE: The device is inactive except for the Power Man-
agement Module and Timing and Watchdog Module,
which continue to operate using the slow clock.
— HALT: The device is inactive but still retains its internal
state (RAM and register contents).
3.9
MULTI-FUNCTION TIMER
The Multi-Function Timer (MFT16) module contains two inde-
pendent timer/counter units called MFT1 and MFT2, each
containing a pair of 16-bit timer/counter registers. Each timer/
counter unit can be configured to operate in any of the follow-
ing modes:
— Processor-Independent
Pulse
Width
Modulation
(PWM) mode, which generates pulses of a specified
width and duty cycle, and which also provides a gener-
al-purpose timer/counter.
— Dual Input Capture mode, which measures the
elapsed time between occurrences of external events,
and which also provides a general-purpose timer/
counter.
— Dual Independent Timer mode, which generates sys-
tem timing signals or counts occurrences of external
events.
— Single Input Capture and Single Timer mode, which
provides one external event counter and one system
timer.
3.10
VERSATILE TIMER UNIT
The Versatile Timer Unit (VTU) module contains four inde-
pendent timer subsystems, each operating in either dual 8-bit
PWM configuration, as a single 16-bit PWM timer, or a 16-bit
counter with two input capture channels. Each of the four tim-
er subsystems offer an 8-bit clock prescaler to accommodate
a wide range of frequencies.
3.11
REAL-TIME TIMER AND WATCHDOG
The Timing and Watchdog Module (TWM) generates the
clocks and interrupts used for timing periodic functions in the
system. It also provides Watchdog protection against soft-
ware errors. The module operates on the slow system clock.
The real-time timer can generate a periodic interrupt to the
CPU at a software-programmed interval. This can be used
for real-time functions such as a time-of-day clock. The real-
time timer can trigger a wake-up condition from power-save
mode via the Multi-Input Wake-Up module.
The Watchdog is designed to detect program execution er-
rors such as an infinite loop or a “runaway” program. Once
Watchdog operation is initiated, the application program
must periodically write a specific value to a Watchdog regis-
ter, within specific time intervals. If the software fails to do so,
a Watchdog error is triggered, which resets the device.
3.12
USART
The USART supports a wide range of programmable baud
rates and data formats, and handles parity generation and
several error detection schemes. The baud rate is generated
on-chip, under software control.
There are two independent USARTs in the device and they
offer a wake-up condition from the power-save mode via the
Multi-Input Wake-Up module.
3.13
MICROWIRE/SPI
The MICROWIRE/SPI (MWSPI) interface module supports
synchronous serial communications with other devices that
conform to MICROWIRE or Serial Peripheral Interface (SPI)
specifications. It supports 8-bit and 16-bit data transfers.


Similar Part No. - CR16MCS9VJE65

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJE65

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com