Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5379B Datasheet(PDF) 40 Page - Motorola, Inc

Part # 1N5379B
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5379B Datasheet(HTML) 40 Page - Motorola, Inc

Back Button 1N5379B Datasheet HTML 34Page - Motorola, Inc 1N5379B Datasheet HTML 35Page - Motorola, Inc 1N5379B Datasheet HTML 36Page - Motorola, Inc 1N5379B Datasheet HTML 37Page - Motorola, Inc 1N5379B Datasheet HTML 38Page - Motorola, Inc 1N5379B Datasheet HTML 39Page - Motorola, Inc 1N5379B Datasheet HTML 40Page - Motorola, Inc 1N5379B Datasheet HTML 41Page - Motorola, Inc 1N5379B Datasheet HTML 42Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-136
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
Figure 4. Typical Thermal Response
L, Lead Length = 3/8 Inch
Figure 5. Typical Thermal Resistance
Figure 6. Maximum Non-Repetitive Surge Current
versus Nominal Zener Voltage
(See Note 3)
20
10
5
2
1
0.5
0.2
0.00
1
0.00
5
0.01
0.05
0.1
0.5
1
5
10
20
50
100
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.01
D = 0
NOTE: BELOW 0.1 SECOND, THERMAL
NOTE: RESPONSE CURVE IS APPLICABLE
NOTE: TO ANY LEAD LENGTH (L).
DUTY CYCLE, D = t1/t2
SINGLE PULSE
∆ TJL = θJL(t)PPK
REPETITIVE PULSES
∆ TJL = θJL(t, D)PPK
PPK
t1
t2
t, TIME (SECONDS)
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
PRIMARY PATH OF
CONDUCTION IS THROUGH
THE CATHODE LEAD
L
L
L, LEAD LENGTH TO HEAT SINK (INCH)
40
20
10
4
2
1
0.1
0.2
0.4
34
68 10
20
30
40
60 80 100
200
*SQUARE WAVE
PW = 100 ms*
PW = 1000 ms*
PW = 1 ms*
PW = 8.3 ms*
NOMINAL VZ (V)
30
20
10
0.1
0.2
0.5
1
2
5
1
10
100
100
0
1000
100
10
1
0.1
1
234
5
6
7
8
9
10
PW, PULSE WIDTH (ms)
VZ, ZENER VOLTAGE (VOLTS)
Figure 7. Peak Surge Current versus Pulse Width
(See Note 3)
Figure 8. Zener Voltage versus Zener Current
VZ = 3.3 thru 10 Volts
VZ = 200 V
VZ = 3.3 V
PLOTTED FROM INFORMATION
GIVEN IN FIGURE 6
TC =25°C
T=25
°C


Similar Part No. - 1N5379B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5379B MOTOROLA-1N5379B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5379B SUNMATE-1N5379B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
First Components Intern...
1N5379B FCI-1N5379B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Shenzhen Luguang Electr...
1N5379B LUGUANG-1N5379B Datasheet
2Mb / 5P
   Zener Diode
logo
Frontier Electronics.
1N5379B FRONTIER-1N5379B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5379B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com