Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5379B Datasheet(PDF) 31 Page - Motorola, Inc

Part # 1N5379B
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5379B Datasheet(HTML) 31 Page - Motorola, Inc

Back Button 1N5379B Datasheet HTML 27Page - Motorola, Inc 1N5379B Datasheet HTML 28Page - Motorola, Inc 1N5379B Datasheet HTML 29Page - Motorola, Inc 1N5379B Datasheet HTML 30Page - Motorola, Inc 1N5379B Datasheet HTML 31Page - Motorola, Inc 1N5379B Datasheet HTML 32Page - Motorola, Inc 1N5379B Datasheet HTML 33Page - Motorola, Inc 1N5379B Datasheet HTML 34Page - Motorola, Inc 1N5379B Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-127
500 mW DO-35 Glass Data Sheet
*ELECTRICAL CHARACTERISTICS — continued (TL = 30°C unless otherwise noted. VF = 1.5 Volts Max @ lF = 200 mAdc for all
types.)
Motorola
Type
Nominal
Zener Voltage
VZ @IZT
Test
Current
Max. Zener Impedance (Note 4)
Max. Reverse
Leakage Current
Maximum DC
Zener
Current
Type
Number
(Note 1)
VZ @ IZT
Volts
(Note 2 and 3)
Current
IZT
mA
ZZT @IZT
Ohms
ZZK
Ohms
IZK
mA
@
IR
µA
VR
Volts
@
Current
IZM
mAdc
1N5948B
91
4.1
200
3000
0.25
1
69.2
16
1N5949B
100
3.7
250
3100
0.25
1
76
15
1N5950B
110
3.4
300
4000
0.25
1
83.6
13
1N5951B
120
3.1
380
4500
0.25
1
91.2
12
1N5952B
130
2.9
450
5000
0.25
1
98.8
11
1N5953B
150
2.5
600
6000
0.25
1
114
10
1N5954B
160
2.3
700
6500
0.25
1
121.6
9
1N5955B
180
2.1
900
7000
0.25
1
136.8
8
1N5956B
200
1.9
1200
8000
0.25
1
152
7
*Indicates JEDEC Registered Data.
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation — Device tolerances of
±5% are indicated by a “B” suffix.
NOTE 2. SPECIAL SELECTIONS AVAILABLE INCLUDE:
Nominal zener voltages between those shown and
±1% and ±2% tight voltage tolerances.
Consult factory.
NOTE 3. ZENER VOLTAGE (VZ) MEASUREMENT
Motorola guarantees the zener voltage when meausred at 90 seconds while maintaining the
lead temperature (TL) at 30°C ±1°C, 3/8″ from the diode body.
NOTE 4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle ac voltage, which results when an ac cur-
rent having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed
on IZT or IZK.


Similar Part No. - 1N5379B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5379B MOTOROLA-1N5379B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5379B SUNMATE-1N5379B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
Shenzhen Luguang Electr...
1N5379B LUGUANG-1N5379B Datasheet
2Mb / 5P
   Zener Diode
logo
First Components Intern...
1N5379B FCI-1N5379B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Frontier Electronics.
1N5379B FRONTIER-1N5379B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5379B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com