Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC572112-FNM Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # OC572112-FNM
Description  All stainless steel bracket for better corrosion protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OC572112-FNM Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  OC572112-FNM Datasheet HTML 1Page - Laird Tech Smart Technology OC572112-FNM Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5725-6000 MHz VERTICALLY POLARIZED OMNIDIRECTIONAL ANTENNA
The Laird OC572112 broadband omnidirectional antenna has a UV-stable fiberglass radome and is IP67 rated for
dust and water intrusion providing excellent durability, reliability and performance. The OC572112 is available with
either Fixed N-male or Fixed N-female bulkhead connector. The vertical pattern is a full 360 degrees with 12 dBi
gain to improve high-speed broadband system performance in a highly rugged and durable package for both indoor
and outdoor applications.
FEATURES
12.3 dBi antenna gain.
Type N female, or Type N male w/integrated bulkhead connector.
IP67 Rated, lightweight design for inddoor & outdoor use.
UV Stable polycarbonate radome.
All stainless steel bracket for better corrosion protection.
Performance engineered for optimum high speed
broadband performance.
VERTICALLY POLARIZED
BROADBAND OMNI ANTENNAS
OC572112
PARAMETER
Frequency Bands, MHz
5725-6000 MHz
VSWR, Max
<2.0:1
Nominal Impedance
50Ω
Azimuth 3 dB Beamwidth
Vertical
Peak Gain, dBi (Typ)
549.2 x 21.2 mm (21.6" x 0.83")
Wind Operational
360°
Wind Survival
Operating Temperature
Polycarbonate, UV
Storage Temperature
Ingression Protection
White
MARKETS - APPLICATIONS
DSRC (Dedicated Short Range
Communications)
ITS (Intelligent Transportation Systems)
Wireless broadband systems
WLAN access points
OC572112-FNF
OC572112-FNM
SPECIFICATIONS
PART NUMBER
Model
Peak Gain, dBi (Max)
OC572112
12.0 dBi
12.3 dBi
Azimuth 3 dB Beamwidth
25 Watts
Polarization
Max Power (Ambient 25°)
Antenna Dimension (H X Dia)
Weight
Antenna Color
Radome
Material Substance Compliance
193 km/h (120 mph)
220 km/h (136 mph)
-30° to + 70°C (-22° to + 158°F )
IP67
RoHS
CONFIGURATION
CONNECTOR
CABLE LENGTH
-40° to + 85°C (-40° to + 185°F )
140 g (0.31 lbs) w/o Mounting Kit
NA
NA
Fixed N-female
Fixed N-male
Laird warrants to the original end user customer of its products that its products are free from defects in material and workmanship. Subject
to conditions and limitations Laird will, at its option, either repair or replace any part of its products that prove defective by reason of
improper workmanship or materials. This limited warranty is in force for the useful lifetime of the original end product into which the Laird
product is installed. Useful lifetime of the original end product may vary but is not to exceed five (5) years from the original date of the end
product purchase.
Point-to-multi-point systems
Americas: +1.847 839.6925
IAS-AmericasSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:
IAS-AsiaSales@lairdtech.com
Middle East and Africa: +44.1628.858941
IAS-MEASales@lairdtech.com
www.lairdtech.com


Similar Part No. - OC572112-FNM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OC515010H LSTD-OC515010H Datasheet
582Kb / 1P
   Direct to radio mounting
OC51505 LSTD-OC51505 Datasheet
658Kb / 1P
   Direct to radio mounting
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
   Transportation centers
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
   SMD Minature Square Wave OCXO
logo
Laird Tech Smart Techno...
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
   UV Stable polycarbonate radome
More results

Similar Description - OC572112-FNM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TAPE50 3M-TAPE50 Datasheet
84Kb / 4P
   All-Weather Corrosion Protection
logo
Laird Tech Smart Techno...
SA9-120-13 LSTD-SA9-120-13 Datasheet
638Kb / 1P
   Heavy-duty stainless steel scissor bracket
logo
Honeywell Accelerometer...
1EN76-R HONEYWELL-ACC-1EN76-R Datasheet
74Kb / 1P
   CORROSION RESISTANT STEEL ENCLOSURE FINISHED
logo
UMPCO, Inc.
AS9600 UMPCO-AS9600 Datasheet
69Kb / 2P
   BRACKET,, ANGLE 90째, CORROSION AND HEAT RESISTANT STEEL UNS S41000, .190 BOLT
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com